Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8711-01 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # H8711-01
Description  4 횞 4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square Bialkali and Multialkali Photocathode, 12-stage, Head-on Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H8711-01 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  H8711-01 Datasheet HTML 1Page - Hamamatsu Corporation H8711-01 Datasheet HTML 2Page - Hamamatsu Corporation H8711-01 Datasheet HTML 3Page - Hamamatsu Corporation H8711-01 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MULTIANODE
PHOTOMULTIPLIER TUBE ASSEMBLIES H8711 SERIES
Figure 2: Typical Gain
TPMHB0690EC
Figure 3: Time Response (Example)
TPMHB0331EA
Figure 4: TTS Characteristic (Example)
TPMHB0314EB
100
101
102
103
104
TIME (0.5 ns/div.)
SUPPLY VOLTAGE: - 800 V
FWHM: 310 ps
FWTM: 631 ps
A BA: Bialkali, MA: Multialkali, SBA: Super Bialkali, UBA: Ultra Bialkali
B K: Borosilicate glass, U: UV glass
C MC: Metal channel
D The maximum average anode current is defined as 5 % of divider current when standard high voltage is applied.
NOTE:
C
D
B
A
Spectral Response
Maximum Ratings
Cathode Characteristics
(nm)
Peak
Wavelength
(nm)
Range
Photo-
cathode
Material
Window
Material
300 to 650
300 to 880
185 to 650
185 to 880
300 to 920
300 to 650
300 to 650
420
420
420
420
530
400
400
K
K
U
U
K
K
K
BA
MA
BA
MA
MA
SBA
UBA
H8711
H8711-01
H8711-03
H8711-04
H8711-20
H8711-100
H8711-200
Normal Divider Type
Type No.
MC/12
MC/12
MC/12
MC/12
MC/12
MC/12
MC/12
0.017
0.017
0.017
0.017
0.017
0.017
0.017
-1000
-1000
-1000
-1000
-1000
-1000
-1000
60
150
60
150
350
90
110
80
200
80
200
500
105
135
9.5
9.5
13.5
13.5
0.25
0.25
0.4
80
65
80
65
78
110
130
(
µA/lm)
Min.
(
µA/lm)
Typ.
Luminous
(mA/W)
Blue
Sensitivity
Index
(CS 5-58)
Red/
White
Ratio
(R-68)
Radiant
Typ.
Typ.
Typ.
(V)
(mA)
Dynode
Structure
/ Stages
Supply
Voltage
Between
Anode
and
Cathode
Average
Anode
Output
Current
in Total
300 to 650
300 to 880
185 to 650
185 to 880
420
420
420
420
K
K
U
U
BA
MA
BA
MA
H8711-10
H8711-11
H8711-13
H8711-14
Taper Divider Type
MC/12
MC/12
MC/12
MC/12
0.017
0.017
0.017
0.017
-1000
-1000
-1000
-1000
60
150
60
150
80
200
80
200
9.5
9.5
0.25
0.25
80
65
80
65
TIME (2 ns/div.)
SUPPLY VOLTAGE
RISE TIME
FALL TIME
WIDTH
RL
: -800 V
: 835 ps
: 2047 ps
: 1658 ps
: 50
102
103
104
105
106
500
600
700
1000
800
900
SUPPLY VOLTAGE (V)
107
108
H8711
H8711-03
H8711-100
H8711-200
H8711-10
H8711-13
H8711-11
H8711-14
H8711-20
H8711-01
H8711-04


Similar Part No. - H8711-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H8711-01 HAMAMATSU-H8711-01 Datasheet
166Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711-01 HAMAMATSU-H8711-01 Datasheet
220Kb / 4P
   4 횞 4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square Bialkali and Multialkali Photocathode
More results

Similar Description - H8711-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H8711-03 HAMAMATSU-H8711-03_10 Datasheet
220Kb / 4P
   4 횞 4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square Bialkali and Multialkali Photocathode
R1464 HAMAMATSU-R1464_15 Datasheet
51Kb / 2P
   19 mm (3/4 Inch) Diameter, S-20 Spectral Response Multialkali Photocathode, 10-Stage, Head-on Type
R12844 HAMAMATSU-R12844_15 Datasheet
257Kb / 4P
   For Scintillation Counting, Fast Time Response Bialkali Photocathode, 8-stage, Head-on Type
R329-02 HAMAMATSU-R329-02_15 Datasheet
43Kb / 2P
   For Scintillation Counting, Fast Time Response 51 mm (2 Inch) Diameter, Bialkali Photocathode, 12-stage Head-on Type
R649 HAMAMATSU-R649_15 Datasheet
42Kb / 2P
   For Photon Counting, 51 mm (2 Inch) Diameter 12-Stage, Multialkali Photocathode, Head-on Type
R1463 HAMAMATSU-R1463_15 Datasheet
49Kb / 2P
   13 mm (1/2 Inch) Diameter, S-20 Spectral Response Multialkali Photocathode, 10-Stage, Head-on Type
R669 HAMAMATSU-R669_15 Datasheet
51Kb / 2P
   51 mm (2 Inch) Diameter, 10-stage, Head-on Type Extended Red Multialkali Photocathode
R11194 HAMAMATSU-R11194_15 Datasheet
47Kb / 2P
   For Scintillation Counting, Fast Time Response 38 mm (1.5 Inch) Diameter, Bialkali Photocathode, 8-stage, Head-on Type
R9800 HAMAMATSU-R9800_09 Datasheet
43Kb / 2P
   For Scintillation Counting, Fast Time Response 25 mm (1 Inch) Diameter, Bialkali Photocathode, 8-stage, Head-on Type
R877 HAMAMATSU-R877_15 Datasheet
51Kb / 2P
   For Scintillation Counting, 127 mm (5 Inch) Diameter Bialkali Photocathode, 10-Stage, Head-on Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com