Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S10113-512Q Datasheet(PDF) 11 Page - Hamamatsu Corporation

Part # S10113-512Q
Description  Current-output type sensors with variable integration time function
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S10113-512Q Datasheet(HTML) 11 Page - Hamamatsu Corporation

Back Button S10113-512Q Datasheet HTML 3Page - Hamamatsu Corporation S10113-512Q Datasheet HTML 4Page - Hamamatsu Corporation S10113-512Q Datasheet HTML 5Page - Hamamatsu Corporation S10113-512Q Datasheet HTML 6Page - Hamamatsu Corporation S10113-512Q Datasheet HTML 7Page - Hamamatsu Corporation S10113-512Q Datasheet HTML 8Page - Hamamatsu Corporation S10113-512Q Datasheet HTML 9Page - Hamamatsu Corporation S10113-512Q Datasheet HTML 10Page - Hamamatsu Corporation S10113-512Q Datasheet HTML 11Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Cat. No. KMPD1090E07 Oct. 2010 DN
www.hamamatsu.com
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein.
Type numbers of products listed in the specification sheets or supplied as samples may have a suffix “(X)” which means tentative specifications or a suffix “(Z)”
which means developmental specifications. ©2010 Hamamatsu Photonics K.K.
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 8152-375-0, Fax: (49) 8152-265-8
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1 int. 6, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
CMOS linear image sensors
S10111 to S10114 series
Pin connection
KMPDC0230EC
Pin no.
Symbol
Name of pin
I/O
1
ST
Start pulse
Input
2
INT
Integration time control pulse
Input
3Vofg
Over ow gate voltage
Input
4
Vdd
Supply voltage
Input
5
GND
Ground
Input
6
GND
Ground
Input
7
Vdd
Supply voltage
Input
8
Vofd
Over ow drain voltage
Input
9
Active Video
Video output
Output
10
Dummy Video
Dummy video output
Output
11
GND
Ground
Input
12
EOS
End of scan
Output
13
NC
No connection
14
NC
15
NC
16
NC
17
NC
18
NC
19
NC
20
NC
21
NC
22
CLK
Clock pulse
Input
Precautions during use
(1) Electrostatic countermeasures
This device has a built-in protection circuit against static electrical charges. However, to prevent destroying the device with electrostatic
charges, take countermeasures such as grounding yourself, the workbench and tools to prevent static discharges. Also protect this de-
vice from surge voltages which might be caused by peripheral equipment.
(2) Incident window
If dust or dirt gets on the light incident window, it will show up as black blemishes on the image. When cleaning, avoid rubbing the
window surface with dry cloth or dry cotton swab, since doing so may generate static electricity. Use soft cloth, paper or a cotton swab
moistened with alcohol to wipe dust and dirt off the window surface. Then blow compressed air onto the window surface so that no spot
or stain remains.
(3) Soldering
To prevent damaging the device during soldering, take precautions to prevent excessive soldering temperatures and times. Soldering
should be performed within 5 seconds at a soldering temperature below 260 °C.
11
CLK
NC
NC
NC
NC
NC
NC
NC
NC
NC
EOS
1
2
3
4
5
6
7
8
9
10
11
22
21
20
19
18
17
16
15
14
13
12
ST
INT
Vofg
Vdd
GND
GND
Vdd
Vofd
Active Video
Dummy Video
GND
Index mark


Similar Part No. - S10113-512Q

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
C&K Components
S1011SS03DQE CK-COMPONENTS-S1011SS03DQE Datasheet
309Kb / 5P
   Slide Switches
More results

Similar Description - S10113-512Q

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10808 HAMAMATSU-C10808_15 Datasheet
154Kb / 7P
   High-precision driver circuit with variable integration time function
logo
AVAGO TECHNOLOGIES LIMI...
ALM-GA001 AVAGO-ALM-GA001 Datasheet
827Kb / 18P
   Variable Current and Shutdown Function
logo
Hamamatsu Corporation
C10000 HAMAMATSU-C10000 Datasheet
160Kb / 2P
   Time Delay Integration Camera
logo
Sharp Corporation
PQ20RX05 SHARP-PQ20RX05 Datasheet
67Kb / 6P
   Variable Output Type Low Power-Loss Voltage Regulator with ON/OFF Control Function
logo
Mean Well Enterprises C...
VFD-350C-230 MEANWELL-VFD-350C-230 Datasheet
432Kb / 9P
   350W General type Variable Frequency Drive with PFC function
2023-08-04
VFD-200C-230 MEANWELL-VFD-200C-230 Datasheet
429Kb / 9P
   200W General type Variable Frequency Drive with PFC function
2023-08-04
VFD-750C-230 MEANWELL-VFD-750C-230 Datasheet
456Kb / 9P
   750W General type Variable Frequency Drive with PFC function
2023-08-04
VFD-250P-230 MEANWELL-VFD-250P-230 Datasheet
509Kb / 8P
   250W General type Variable Frequency Drive with PFC function
2023-08-04
VFD-350P-230 MEANWELL-VFD-350P-230 Datasheet
1Mb / 8P
   350W General type Variable Frequency Drive with PFC function
2023-08-04
logo
AVAGO TECHNOLOGIES LIMI...
MGA-231T6 AVAGO-MGA-231T6 Datasheet
204Kb / 15P
   High-Gain GPS LNA with Variable Current and Shutdown Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com