Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2383-10 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S2383-10
Description  Low bias operation, for 800 nm band
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S2383-10 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S2383-10 Datasheet HTML 1Page - Hamamatsu Corporation S2383-10 Datasheet HTML 2Page - Hamamatsu Corporation S2383-10 Datasheet HTML 3Page - Hamamatsu Corporation S2383-10 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si APD
S2381 to S2385, S5139, S8611, S3884, S4315 series
s Spectral response
s Quantum efficiency vs. wavelength
s Dark current vs. reverse voltage
s Gain vs. reverse voltage
KAPDB0020EB
KAPDB0021EA
KAPDB0016EC
KAPDB0017EC
WAVELENGTH (nm)
(Typ. Ta=25 ˚C,
λ=800 nm)
200
400
600
800
1000
40
20
0
50
30
10
M=100
M=50
WAVELENGTH (nm)
60
200
400
600
800
1000
40
20
0
80
100
(Typ. Ta=25 ˚C)
(Typ. Ta
=25 ˚C)
S2384
S3884
S2382, S5139,
S8611
S2381
S2383/-10
REVERSE VOLTAGE (V)
0
50
100
150
200
1 pA
100 pA
1 nA
10 nA
10 pA
80
120
100
140
160
180
1
10
100
1000
10000
REVERSE VOLTAGE (V)
(Typ.
λ=800 nm)
-20 ˚C
0 ˚C
20 ˚C
40 ˚C
60 ˚C
s Terminal capacitance vs. reverse voltage
s Excess noise factor vs. gain
(Typ. Ta=25 ˚C, f=1 MHz)
S2384
S2385
S3884
S2383/-10
S2382
S5139, S8611
S2381
REVERSE VOLTAGE (V)
10 pF
100 pF
1 nF
50
100
1 pF
200
0
150
GAIN
110
1
10
(Typ. Ta=25 ˚C, f=10 kHz, B=1 Hz)
100
M0.5
λ=650 nm
M0.3
λ=800 nm
M0.2
KAPDB0018EC
KAPDB0022EA
2


Similar Part No. - S2383-10

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S2383-10 HAMAMATSU-S2383-10 Datasheet
152Kb / 4P
   Si APD Low bias operation, for 800 nm band
More results

Similar Description - S2383-10

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S12023 HAMAMATSU-S12023_15 Datasheet
271Kb / 6P
   Low bias operation, for 800 nm band
S10341 HAMAMATSU-S10341_15 Datasheet
292Kb / 4P
   Low bias operation, for 800 nm band
S2381 HAMAMATSU-S2381 Datasheet
152Kb / 4P
   Si APD Low bias operation, for 800 nm band
S6045 HAMAMATSU-S6045 Datasheet
235Kb / 4P
   Low temperature coefficient type APD for 800 nm band
S12426 HAMAMATSU-S12426_15 Datasheet
611Kb / 5P
   Low bias operation, high-speed Si APD for 900 nm
logo
M/A-COM Technology Solu...
MAAM-011206 MA-COM-MAAM-011206 Datasheet
989Kb / 9P
   Single Bias Operation
MBDXX57-X MA-COM-MBDXX57-X Datasheet
783Kb / 9P
   Zero Bias Operation
logo
Taoglas antenna solutio...
CGGP.35.3.A.02 TAOGLAS-CGGP.35.3.A.02 Datasheet
1Mb / 11P
   wide-band operation
logo
Laird Tech Smart Techno...
HDDA3W LSTD-HDDA3W Datasheet
1Mb / 2P
   Wide band operation
SMS69273 LSTD-SMS69273 Datasheet
600Kb / 2P
   Multi-band operation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com