Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

165X02609X Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 165X02609X
Description  D-SUB Metal Hood
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

165X02609X Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  165X02609X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS compliant – CSA listed, File No.: LR 115000-1 – UL listed, File No.: E202784
10|11
No. of pos.
A
B
C
09
31.00
25.00
38.30
15
39.50
33.30
40.50
25
53.40
47.00
47.30
37
70.90
63.50
52.20
D-SUB Hoods and Accessories
Description
Order data
Product drawing
D-SUB Metal Hood
Straight cable entry – 9-37 pos. – Jack screws
D-SUB Metal hood – Straight cable entry
No. of pos. Design 4-40 UNC
Part Number
09
Jack screw
165 X 02609 X
15
Jack screw
165 X 02619 X
25
Jack screw
165 X 02629 X
37
Jack screw
165 X 02639 X
D-SUB Metal hood – Straight cable entry
No. of pos. Design M3
Part Number
09
Jack screw
165 X 02649 X
15
Jack screw
165 X 02659 X
25
Jack screw
165 X 02669 X
37
Jack screw
165 X 02679 X
Zinc die-cast hood, EMI RFI shielding
Plastic strain relief
Fastening:
jack screws 4-40 UNC or M3 thread
Housing nickel plated
Attentuation factor: > 40dB between 30 Mhz and 2 GHz
Crimp fitting and crimp tool please contact factory
Bulk or single packaged units
For single packaged add the letter „E“ at the end of the part number.


Similar Part No. - 165X02609X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
165X02689X CONEC-165X02689X Datasheet
87Kb / 1P
   D-SUB Metal Hood
165X02699X CONEC-165X02699X Datasheet
87Kb / 1P
   D-SUB Metal Hood
More results

Similar Description - 165X02609X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
165X02689X CONEC-165X02689X Datasheet
87Kb / 1P
   D-SUB Metal Hood
logo
Japan Aviation Electron...
DB-C4-J11-F JAE-DB-C4-J11-F Datasheet
146Kb / 1P
   CONN D SUB METAL HOOD B SHELL
logo
CONEC Elektronische Bau...
165X11239X CONEC-165X11239X Datasheet
84Kb / 1P
   D-SUB Plastic Hood
165X10389X CONEC-165X10389X Datasheet
73Kb / 1P
   D-SUB Plastic Hood
165X11709X CONEC-165X11709X Datasheet
81Kb / 1P
   D-SUB Plastic Hood
165X13219X CONEC-165X13219X Datasheet
70Kb / 1P
   D-SUB Plastic Hood
165X13369X CONEC-165X13369X Datasheet
78Kb / 1P
   D-SUB Plastic Hood
165X13419X CONEC-165X13419X Datasheet
75Kb / 1P
   D-SUB Plastic Hood
165X13179X CONEC-165X13179X Datasheet
66Kb / 1P
   D-SUB Plastic Hood
165X14029X CONEC-165X14029X Datasheet
64Kb / 1P
   D-SUB Plastic Hood
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com