Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

908E625 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 908E625
Description  Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

908E625 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 908E625_10 Datasheet HTML 5Page - Freescale Semiconductor, Inc 908E625_10 Datasheet HTML 6Page - Freescale Semiconductor, Inc 908E625_10 Datasheet HTML 7Page - Freescale Semiconductor, Inc 908E625_10 Datasheet HTML 8Page - Freescale Semiconductor, Inc 908E625_10 Datasheet HTML 9Page - Freescale Semiconductor, Inc 908E625_10 Datasheet HTML 10Page - Freescale Semiconductor, Inc 908E625_10 Datasheet HTML 11Page - Freescale Semiconductor, Inc 908E625_10 Datasheet HTML 12Page - Freescale Semiconductor, Inc 908E625_10 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
908E625
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Sense Current
Threshold
Hysteresis
IHSCT
IHSCH
6.9
8.8
0.88
11
mA
Output Current Limitation
IHL
90
mA
Overcurrent Warning HP_OCF Flag Threshold]
VHPOCT
3.0
V
Dropout Voltage @ ILOAD = 15 mA
VHPDO
0.5
V
ANALOG INPUT (PA1)
Current Source PA1
CSSEL1 = 1, CSSEL0 = 1
ICSPA1
570
670
770
μA
Selectable Scaling Factor Current Source PA1 (I(N) = ICSPA1* N)
CSSEL1 = 0, CSSEL0 = 0
CSSEL1 = 0, CSSEL0 = 1
CSSEL1 = 1, CSSEL0 = 0
NCSPA1-0
NCSPA1-1
NCSPA1-2
8.5
28.5
58.5
10
30
60
11.5
31.5
61.5
%
Table 3. Static Electrical Characteristics (continued)
All characteristics are for the analog chip only. Refer to the 68HC908EY16 specification for characteristics of the
microcontroller chip. Characteristics noted under conditions 9.0 V
≤ VSUP ≤ 16 V, -40°C ≤ TJ ≤ 125°C unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - 908E625_10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E625 FREESCALE-908E625_07 Datasheet
754Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
More results

Similar Description - 908E625_10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E425 FREESCALE-908E425 Datasheet
581Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625 Datasheet
628Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
logo
Motorola, Inc
MM908E625 MOTOROLA-MM908E625 Datasheet
595Kb / 40P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
logo
Freescale Semiconductor...
908E625 FREESCALE-908E625_07 Datasheet
754Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E626 FREESCALE-908E626_12 Datasheet
811Kb / 43P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_09 Datasheet
839Kb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626 Datasheet
678Kb / 38P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_08 Datasheet
1Mb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
MM908E621 FREESCALE-MM908E621 Datasheet
719Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com