Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

165X11349X Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 165X11349X
Description  D-SUB Plastic Hood
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

165X11349X Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  165X11349X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS compliant – CSA listed, File No.: LR 115000-1 – UL listed, File No.: E202784
10|20
No. of pos.
A
B
C
Ø D
E
F
09
32.00
25.00
36.70
6.30
15.50
16.50
15
40.00
33.30
38.20
8.00
15.50
16.50
25
54.20
47.00
42.20
10.50
15.50
16.50
37
70.60
63.50
47.20
11.50
15.50
16.50
50
68.20
61.10
47.20
13.70
19.60
20.60
D-SUB Hoods and Accessories
Description
Order data
Product drawing
D-SUB Plastic Hood
Straight or side cable entry – 9-50 pos. – Jack screws or slide lock mounting
Integrated strain relief
Entries not in use are blanked off with blanking plugs
Material:
- Plastic hood black: ABS, UL 94 V-0
- Plastic hood metallized: ABS, UL 94 V-0
Fastening:
- 4-40 UNC short screws
- Slide lock
Bulk or single packaged units
Housing with short slotted screw
Housing with slide lock
D-SUB Plastic hood – Black
No. of pos. Design
Part Number
09
4-40 UNC Short screw
165 X 11239 X
15
4-40 UNC Short screw
165 X 11249 X
25
4-40 UNC Short screw
165 X 11259 X
37
4-40 UNC Short screw
165 X 11269 X
50
4-40 UNC Short screw
165 X 16539 X
09
Slide lock version
165 X 11279 X
15
Slide lock version
165 X 11289 X
25
Slide lock version
165 X 11299 X
37
Slide lock version
165 X 11309 X
50
Slide lock version
165 X 16549 X
D-SUB Plastic hood – Metallized
No. of pos. Design
Part Number
09
4-40 UNC Short screw
165 X 11319 X
15
4-40 UNC Short screw
165 X 11329 X
25
4-40 UNC Short screw
165 X 11339 X
37
4-40 UNC Short screw
165 X 11349 X
50
4-40 UNC Short screw
165 X 16559 X
09
Slide lock version
165 X 11359 X
15
Slide lock version
165 X 11369 X
25
Slide lock version
165 X 11379 X
37
Slide lock version
165 X 11389 X
50
Slide lock version
165 X 16569 X
Locking for slide lock
No. of pos. Design
Part Number
09-37
Locking hooks for 9-37 pos. hood
795-907600
50
Locking hooks 50 pos. hood
795-907700
Locking hooks for slide lock
Slide lock
Spring
For single packaged add the letter „E“ at the end of the part number.


Similar Part No. - 165X11349X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
165X11009X CONEC-165X11009X Datasheet
79Kb / 1P
   PLASTIC HOOD with staight cable exit and screw lock, 9-37 pos.
2002.04.03
165X11019X CONEC-165X11019X Datasheet
79Kb / 1P
   PLASTIC HOOD with staight cable exit and screw lock, 9-37 pos.
2002.04.03
165X11029X CONEC-165X11029X Datasheet
79Kb / 1P
   PLASTIC HOOD with staight cable exit and screw lock, 9-37 pos.
2002.04.03
165X11039X CONEC-165X11039X Datasheet
79Kb / 1P
   PLASTIC HOOD with staight cable exit and screw lock, 9-37 pos.
2002.04.03
165X11049X CONEC-165X11049X Datasheet
48Kb / 1P
   Plastic Hood with straight cable exif and screw lock, 50 pos.
2002.04.03.
More results

Similar Description - 165X11349X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
165X10389X CONEC-165X10389X Datasheet
73Kb / 1P
   D-SUB Plastic Hood
165X11709X CONEC-165X11709X Datasheet
81Kb / 1P
   D-SUB Plastic Hood
165X13219X CONEC-165X13219X Datasheet
70Kb / 1P
   D-SUB Plastic Hood
165X13369X CONEC-165X13369X Datasheet
78Kb / 1P
   D-SUB Plastic Hood
165X13419X CONEC-165X13419X Datasheet
75Kb / 1P
   D-SUB Plastic Hood
165X13179X CONEC-165X13179X Datasheet
66Kb / 1P
   D-SUB Plastic Hood
165X14029X CONEC-165X14029X Datasheet
64Kb / 1P
   D-SUB Plastic Hood
165X10139X CONEC-165X10139X_1 Datasheet
73Kb / 1P
   D-SUB Plastic Hood
165X15119X CONEC-165X15119X Datasheet
77Kb / 1P
   D-SUB Plastic Hood IP67
logo
Adam Technologies, Inc.
DXXX-HD-PB-SN-TS ADAM-TECH-DXXX-HD-PB-SN-TS Datasheet
66Kb / 1P
   D-SUB HOOD COLOR BLACK PLASTIC SNAP TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com