Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

165X10949X Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 165X10949X
Description  D-SUB Plastic Hood
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

165X10949X Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  165X10949X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS compliant – CSA listed, File No.: LR 115000-1 – UL listed, File No.: E202784
10|14
No. of pos.
A
B
C
D
E
Ø F
09
34.00
25.00
25.00
27.75
14.50
8.50
15
42.30
33.30
37.00
39.75
14.50
10.00
25
56.00
47.00
37.00
39.75
14.50
10.50
37
72.50
63.50
37.00
39.75
14.50
10.50
50
67.00
61.10
49.10
51.40
19.80
14.00
D-SUB Hoods and Accessories
Description
Order data
Product drawing
D-SUB Plastic hood – Straight cable entry
No. of pos. Design
Part Number
09
Black housing 4-40 UNC Jack screw
165 X 10139 X
15
Black housing 4-40 UNC Jack screw
165 X 10149 X
25
Black housing 4-40 UNC Jack screw
165 X 10159 X
37
Black housing 4-40 UNC Jack screw
165 X 10169 X
50
Black housing 4-40 UNC Jack screw
165 X 10179 X
09
Black housing M3 Jack screw
165 X 10189 X
15
Black housing M3 Jack screw
165 X 10199 X
25
Black housing M3 Jack screw
165 X 10209 X
37
Black housing M3 Jack screw
165 X 10219 X
50
Black housing M3 Jack screw
165 X 10229 X
09
Grey housing 4-40-UNC Jack screw
165 X 14109 X
15
Grey housing 4-40-UNC Jack screw
165 X 14119 X
25
Grey housing 4-40-UNC Jack screw
165 X 14129 X
37
Grey housing 4-40-UNC Jack screw
165 X 14139 X
50
Grey housing 4-40-UNC Jack screw
165 X 14149 X
09
Grey housing M3 Jack screw
165 X 14159 X
15
Grey housing M3 Jack screw
165 X 14169 X
25
Grey housing M3 Jack screw
165 X 14179 X
37
Grey housing M3 Jack screw
165 X 14189 X
50
Grey housing M3 Jack screw
165 X 14199 X
D-SUB Plastic hood – Straight cable entry - Metallized
No. of pos. Design
Part Number
09
Metallized housing 4-40 UNC Jack screw
165 X 10909 X
15
Metallized housing 4-40 UNC Jack screw
165 X 10919 X
25
Metallized housing 4-40 UNC Jack screw
165 X 10929 X
37
Metallized housing 4-40 UNC Jack screw
165 X 10939 X
50
Metallized housing 4-40 UNC Jack screw
165 X 10949 X
09
Metallized housing M3 Jack screw
165 X 10959 X
15
Metallized housing M3 Jack screw
165 X 10969 X
25
Metallized housing M3 Jack screw
165 X 10979 X
37
Metallized housing M3 Jack screw
165 X 10989 X
50
Metallized housing M3 Jack screw
165 X 10999 X
D-SUB Plastic Hood
Straight cable entry – 9-50 pos. – With jack screws
Two-part plastic hood
Integrated cable clamping
Material:
- Plastic hood grey black: Polyamide + Glas filled, UL 94 V-0
- Plastic hood metallized: ABS, UL 94 V-0
Fastening:
- 4-40 UNC jack screw
- M3 jack screw
Bulk or single packaged units
For single packaged add the letter „E“ at the end of the part number.


Similar Part No. - 165X10949X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
165X10909X CONEC-165X10909X Datasheet
73Kb / 1P
   KIT with PLASTIC HOOD and D-SUB MALE
26.09.13
More results

Similar Description - 165X10949X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
165X11239X CONEC-165X11239X Datasheet
84Kb / 1P
   D-SUB Plastic Hood
165X10389X CONEC-165X10389X Datasheet
73Kb / 1P
   D-SUB Plastic Hood
165X11709X CONEC-165X11709X Datasheet
81Kb / 1P
   D-SUB Plastic Hood
165X13219X CONEC-165X13219X Datasheet
70Kb / 1P
   D-SUB Plastic Hood
165X13369X CONEC-165X13369X Datasheet
78Kb / 1P
   D-SUB Plastic Hood
165X13419X CONEC-165X13419X Datasheet
75Kb / 1P
   D-SUB Plastic Hood
165X13179X CONEC-165X13179X Datasheet
66Kb / 1P
   D-SUB Plastic Hood
165X14029X CONEC-165X14029X Datasheet
64Kb / 1P
   D-SUB Plastic Hood
165X15119X CONEC-165X15119X Datasheet
77Kb / 1P
   D-SUB Plastic Hood IP67
logo
Adam Technologies, Inc.
DXXX-HD-PB-SN-TS ADAM-TECH-DXXX-HD-PB-SN-TS Datasheet
66Kb / 1P
   D-SUB HOOD COLOR BLACK PLASTIC SNAP TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com