Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OCO-SM14H Datasheet(PDF) 1 Page - QUARTZCOM the communications company

Part # OCO-SM14H
Description  Through hole OCXO Wide operating temperature range from -40 up to 85 째C
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

OCO-SM14H Datasheet(HTML) 1 Page - QUARTZCOM the communications company

  OCO-SM14H Datasheet HTML 1Page - QUARTZCOM the communications company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OCO-SM14H
Through hole OCXO
HCMOS
2002/95/EC RoHS compliant
13 May. 10
QuartzCom AG
QuartzCom Asia
QuartzCom USA
sales@quartzcom.com
sales-asia@quartzcom.com
sales-usa@quartzcom.com
www.quartzcom.com
Features
Applications: GPS, base-station, synchronisation, satelite-modem
Small case size (DIL14 / 4 pin)
Wide operating temperature range from -40 up to +85 °C
Short warm up time of < 30 s
Parameter
Specification
Frequency range
10.0000 ~ 60.0000 MHz
Standard frequencies
10.00, 12.80, 16.000, 16.384, 19.44, 20.00 & 40.00 MHz
≤ ±0.20 ppm
0.3 ppm (peak to peak)
over -40 ~ +85 °C
≤ ±0.15 ppm
0.2 ppm (peak to peak)
over -20 ~ +70 °C
Frequency stability
vs. operating temperature range
(tighter stability on request)
≤ ±0.075 ppm 0.1 ppm (peak to peak)
over -10 ~ +60 °C
vs. supply voltage change
≤ ±0.10 ppm
±0.2 V
vs. load change
≤ ±0.01 ppm
±10 %
vs. aging after 30 days of operation
≤ ±0.30 ppm
1
st year
vs. long term aging
≤ ±2.50 ppm
10 years
Short term stability
< 5 x 10
-10
Allan deviation over 0.1 ~ 30 s
Output waveform
HCMOS
VOH > 0.9 Vdc VOL < 0.1 Vdc
Output load
10 LS-TTL
±5 %
Rise / Fall time
< 5 ns
Supply voltage (1)
+5.0 V
±0.2 V
Steady-state current consumption @ +25 °C
< 80 mA
Warm-up time @ 25 °C
< 30 s
within spec
Frequency pulling range
> ±3 ppm
positive slope
Vcontrol (Vc) via external voltage
0.5 ~ +5.0 V
Vcontrol (Vc) via external potentiometer
10 kΩ
Phase noise @ 10 MHz carrier frequency
-100 dBc/Hz
@
10 Hz
-130 dBc/Hz
@
100 Hz
-140 dBc/Hz
@
1 kHz
-145 dBc/Hz
@
10 kHz
Operating temperature range
-10 ~ +60 °C,
-20 ~ +70 °C
or -40 ~ +85 °C
Storage temperature range
-65 ~ +125 °C
(1) Supply voltage 3.3 V and 12 V on request
Environmental test
vibration
acceleration: 10 g; 10 Hz up to 2’000 Hz and down to 10 Hz; all 3 axes, 4,5 h/axis
shock
2’000 g, half-sine, 3 ms, (3 shocks each, 6 directions)
Pin function:
# 1
Vc
# 7
GND
# 8
RF Output
# 14
Vdc
Example for solder pattern
Do not design any conductive path between the patter
Example for IR reflow soldering temperature


Similar Part No. - OCO-SM14H

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
OCO-SM14S QUARTZCOM-OCO-SM14S Datasheet
141Kb / 1P
   Through hole OCXO Wide operating temperature range from -40 up to 85 째C
More results

Similar Description - OCO-SM14H

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
OCO-SM14S QUARTZCOM-OCO-SM14S Datasheet
141Kb / 1P
   Through hole OCXO Wide operating temperature range from -40 up to 85 째C
OCO-M20AH QUARTZCOM-OCO-M20AH Datasheet
112Kb / 1P
   Through hole OCXO Wide operating temperature range: -40 up to 85 째C
OCO-M14S QUARTZCOM-OCO-M14S Datasheet
168Kb / 1P
   Through hole OCXO Sine wave Wide operating temperature range from -40 up to 85 째C
OCO-M20AS QUARTZCOM-OCO-M20AS Datasheet
112Kb / 1P
   Through hole OCXO Sine wave Wide operating temperature range from -40 up to 85 째C
OCO-M36CEH QUARTZCOM-OCO-M36CEH Datasheet
139Kb / 1P
   Through hole OCXO HCMOS Wide operating temperature range: -40 up to 85 째C
OCO-M36AH QUARTZCOM-OCO-M36AH Datasheet
139Kb / 1P
   Through hole OCXO HCMOS Wide operating temperature range: -40 up to 85 째C
OCO-M36CH QUARTZCOM-OCO-M36CH Datasheet
140Kb / 1P
   Through hole OCXO HCMOS Wide operating temperature range: -40 up to 85 째C
logo
Murata Manufacturing Co...
GRM155R61H224KE01 MURATA1-GRM155R61H224KE01_V01 Datasheet
178Kb / 2P
   Operating Temperature Range 55??to 85?
11/23/2021
GRM155R61J224ME01 MURATA1-GRM155R61J224ME01_V01 Datasheet
178Kb / 2P
   Operating Temperature Range 55??to 85?
11/23/2021
GRM022R61E103ME01 MURATA1-GRM022R61E103ME01_V01 Datasheet
176Kb / 2P
   Operating Temperature Range 55??to 85?
11/23/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com