Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8343EA Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC8343EA
Description  MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8343EA Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC8343EA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8343EA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8343EA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8343EA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8343EA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8343EA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8343EA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8343EA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8343EA Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 10
10
Freescale Semiconductor
Power Characteristics
3
Power Characteristics
The estimated typical power dissipation for the MPC8343EA device is shown in Table 4.
l
Table 5 shows the estimated typical I/O power dissipation for MPC8343EA.
Table 4. MPC8343EA Power Dissipation1
1 The values do not include I/O supply power (OV
DD, LVDD, GVDD) or AVDD. For I/O power values, see Table 5.
Core
Frequency
(MHz)
CSB
Frequency
(MHz)
Typical at TJ = 65
Typical2
,3
2 Typical power is based on a voltage of V
DD = 1.2 V, a junction temperature of TJ = 105°C, and a Dhrystone benchmark
application.
3 Thermal solutions may need to design to a value higher than typical power based on the end application, T
A target, and I/O
power.
Maximum4
4 Maximum power is based on a voltage of V
DD = 1.2 V, worst case process, a junction temperature of TJ = 105°C, and an
artificial smoke test.
Unit
PBGA
266
266
1.3
1.6
1.8
W
133
1.1
1.4
1.6
W
400
266
1.5
1.9
2.1
W
133
1.4
1.7
1.9
W
400
200
1.5
1.8
2.0
W
100
1.3
1.7
1.9
W
Table 5. MPC8343EA Typical I/O Power Dissipation
Interface
Parameter
DDR2
GVDD
(1.8 V)
DDR1
GVDD
(2.5 V)
OVDD
(3.3 V)
LVDD
(3.3 V)
LVDD
(2.5 V)
Unit
Comments
DDR I/O
65% utilization
2.5 V
Rs = 20
Ω
Rt = 50
Ω
2 pair of clocks
200 MHz, 32 bits
0.31
0.42
W
266 MHz, 32 bits
0.35
0.5
W
PCI I/O
load = 30 pF
33 MHz, 32 bits
0.04
W
66 MHz, 32 bits
0.07
W
Local bus I/O
load = 25 pF
167 MHz, 32 bits
0.34
W
133 MHz, 32 bits
0.27
W
83 MHz, 32 bits
0.17
W
66 MHz, 32 bits
0.14
W
50 MHz, 32 bits
0.11
W


Similar Part No. - MPC8343EA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC8343EA NXP-MPC8343EA Datasheet
928Kb / 80P
   MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
MPC8343EAEC NXP-MPC8343EAEC Datasheet
928Kb / 80P
   MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
More results

Similar Description - MPC8343EA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC8343EAEC NXP-MPC8343EAEC Datasheet
928Kb / 80P
   MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
logo
Freescale Semiconductor...
MPC8349E FREESCALE-MPC8349E_07 Datasheet
1,019Kb / 88P
   PowerQUICC??II Pro Integrated Host Processor Hardware Specifications
MPC8347VVAJDB FREESCALE-MPC8347VVAJDB Datasheet
727Kb / 99P
   MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
MPC8347VRAGDB FREESCALE-MPC8347VRAGDB Datasheet
727Kb / 99P
   MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8347EAEC NXP-MPC8347EAEC Datasheet
1Mb / 99P
   MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
Rev. 12, 09/2011
logo
Freescale Semiconductor...
MPC8315E FREESCALE-MPC8315E Datasheet
1Mb / 112P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8379E FREESCALE-MPC8379E Datasheet
1Mb / 114P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8314EEC FREESCALE-MPC8314EEC Datasheet
651Kb / 101P
   PowerQUICC II Pro Processor Hardware Specifications
MPC8313EEC FREESCALE-MPC8313EEC Datasheet
1Mb / 100P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8377E FREESCALE-MPC8377E Datasheet
1Mb / 124P
   PowerQUICC??II Pro Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com