Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OCO-SMAH Datasheet(PDF) 1 Page - QUARTZCOM the communications company

Part # OCO-SMAH
Description  SMD OCXO High frequency stability vs. temperature
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

OCO-SMAH Datasheet(HTML) 1 Page - QUARTZCOM the communications company

  OCO-SMAH Datasheet HTML 1Page - QUARTZCOM the communications company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OCO-SMAH
SMD OCXO
HCMOS
2002/95/EC RoHS compliant
11 Dec. 10
QuartzCom AG
QuartzCom Asia
QuartzCom USA
sales@quartzcom.com
sales-asia@quartzcom.com
sales-usa@quartzcom.com
www.quartzcom.com
Features
Applications: GPS, CDMA, 3G, networking, instrumentation
SMD packaged precision OCXO
High frequency stability vs. temperature
Supply voltage: 3.3 V or 5.0 V
Specification
Parameter
OCO-SMAH3
OCO-SMAH5
Frequency range
10.0000 ~ 40.0000 MHz
Standard frequencies
10.000, 12.800, 13.00, 20.000, 25.600, 26.000, 32.768 & 40.000 MHz
≤ ±2 x 10-8
over -40 ~ +70 °C
≤ ±1 x 10-8
over -20 ~ +70 °C
Frequency stability
vs. operating temperature range
≤ ±1 x 10-9
over
0 ~ +50 °C
vs. supply voltage change
≤ ±3 x 10-9
±5 %
vs. load change
≤ ±3 x 10-9
±5 %
vs. aging after 30 days of operation
≤ ±3 x 10-8
1
st year
Short term stability
< 2 x 10
-11
Allan deviation per 1 s
Output waveform
HCMOS
VOH > 0.9 Vdc
VOL < 0.1 Vdc
Output load
10 k
Ω // 15 pF
Supply voltage
+3.3 V
±5 %
+5.0 V
±5 %
Peak current consumption during warm-up time
< 750 mA
< 600 mA
Steady-state current consumption @ +25 °C
< 300 mA
< 200 mA
Warm-up time
< 3 min
<
±1 x 10-7 @ +25 °C
Frequency pulling range
> ±0.5 x 10
-7
positive slope
Vcontrol (Vc) via external voltage
0 ~ +2.8 V
0 ~ +4.5 V
Vcontrol (Vc) via external potentiometer
20 k
Ω
Reference voltage output (Vref)
+2.8 V
+4.5 V
Phase noise @ 10 MHz carrier frequency
< -120 dBc/Hz
@
10 Hz
< -135 dBc/Hz
@
100 Hz
< -145 dBc/Hz
@
1 kHz
< -150 dBc/Hz
@
10 kHz
< -155 dBc/Hz
@
100 kHz
Operating temperature range
0 ~ +55 °C,
-20 ~ +70 °C
or
-40 ~ +70 °C
Storage temperature range
-55 ~ +85 °C
Case height (H)
14.0 mm
Pin function
# 1
Vc
# 2
Vref
# 3
Vdc
# 4
RF output
# 5
not connected
# 6
not connected
# 7
GND
Example for IR reflow soldering temperature


Similar Part No. - OCO-SMAH

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
OCO-SMAS QUARTZCOM-OCO-SMAS Datasheet
90Kb / 1P
   SMD OCXO Sine wave High frequency stability vs. temperature
OCO-SMAS3 QUARTZCOM-OCO-SMAS3 Datasheet
90Kb / 1P
   SMD OCXO Sine wave High frequency stability vs. temperature
OCO-SMAS5 QUARTZCOM-OCO-SMAS5 Datasheet
90Kb / 1P
   SMD OCXO Sine wave High frequency stability vs. temperature
More results

Similar Description - OCO-SMAH

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
OCO-SMBS QUARTZCOM-OCO-SMBS Datasheet
92Kb / 1P
   SMD OCXO Sine wave High frequency stability vs. temperature
OCO-SMAS QUARTZCOM-OCO-SMAS Datasheet
90Kb / 1P
   SMD OCXO Sine wave High frequency stability vs. temperature
OCO-M50BH QUARTZCOM-OCO-M50BH Datasheet
105Kb / 1P
   Ultra Low Noise OCXO HCMOS High frequency stability vs. temperature
OCO-M50BS QUARTZCOM-OCO-M50BS Datasheet
105Kb / 1P
   Ultra Low Noise OCXO Sine wave High frequency stability vs. temperature
TX5-254HL QUARTZCOM-TX5-254HL Datasheet
202Kb / 1P
   SMD TCXO HCMOS Tight frequency stability vs. temperature
TX5-256HL QUARTZCOM-TX5-256HL Datasheet
191Kb / 1P
   SMD TCXO HCMOS Tight frequency stability vs. temperature
TX3-801HT QUARTZCOM-TX3-801HT Datasheet
116Kb / 1P
   SMD TCXO HCMOS Tight frequency stability vs. temperature
TX7-705C-S-HP QUARTZCOM-TX7-705C-S-HP Datasheet
104Kb / 1P
   High precision SMD TCXO High frequency stability vs. temperature 0.10 ppm
VT3-801HTF QUARTZCOM-VT3-801HTF Datasheet
125Kb / 1P
   SMD VC-TCXO HCMOS Tight frequency stability vs. temperature
TX7-503 QUARTZCOM-TX7-503 Datasheet
104Kb / 1P
   SMD TCXO Clipped sine wave Tight frequency stability vs. temperature
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com