Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCO-3S25-HP Datasheet(PDF) 1 Page - QUARTZCOM the communications company

Part # MCO-3S25-HP
Description  High precision SMD Clock Oscillator Miniature package: 5.0 x 3.2 x 1.2 mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

MCO-3S25-HP Datasheet(HTML) 1 Page - QUARTZCOM the communications company

  MCO-3S25-HP Datasheet HTML 1Page - QUARTZCOM the communications company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MCO-3S-HP
High precision
SMD Clock Oscillator
2002/95/EC RoHS compliant
01 Apr. 10
QuartzCom AG
QuartzCom Asia
QuartzCom USA
sales@quartzcom.com
sales-asia@quartzcom.com
sales-usa@quartzcom.com
www.quartzcom.com
Features
Applications: telecommunications, wireless communications
Miniature package: 5.0 x 3.2 x 1.2 mm
Tight frequency stability
High shock and vibration resistant
Specification
Parameter
MCO-3S25-HP
MCO-3S3-HP
Frequency range
5 ~ 54 MHz
Standard frequencies
13.00, 16.00, 16.384, 19.44, 24.00, 32.00, 40.00 & 44.00 MHz
Supply voltage
+2.5 V
5 %
+3.3 V
5 %
Supply current
2 ~ 5 mA
3 ~ 7 mA
Frequency stability vs. temperature
±5 ppm
0 ~ +50 °C
±10 ppm
-10 ~ +60 °C
±20 ppm
-40 ~ +85 °C
Output signal
CMOS
Output level
VOH  0.9 Vdc
VOL  0.1 Vdc
Output load
15 pF
Jitter (rms)
< 1 ps
@ 12 kHz ~ 20 MHz from carrier frequency
Symmetry
45 ~ 55 %
@ ½ Vdc
Rise / Fall time
3 ~ 7 ns
Tri-state function
pin #1 = high or open
pin #3
 signal
pin #1 = low
pin #3
 high impedance
Operating temperature range
-10 ~ +60 °C
commercial application
-40 ~ +85 °C
industrial application
Storage temperature range
-55 ~ +125 °C
Packaging units
tape & reel
1’000 pieces
Customer specifications on request
Pin function
# 1
Tri-state
# 2
GND
# 3
Output
# 4
Vdc
Example for solder pattern
Do not design any conductive path between the pattern
Example for IR reflow soldering temperature


Similar Part No. - MCO-3S25-HP

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
MCO-3S25-DS-6P QUARTZCOM-MCO-3S25-DS-6P Datasheet
118Kb / 1P
   SMD Clock Oscillator LVDS Small package size: 5.0 x 3.2 x 1.3 mm
MCO-3S25-PE-6P QUARTZCOM-MCO-3S25-PE-6P Datasheet
119Kb / 1P
   SMD Clock Oscillator LVPECL Small package size: 5.0 x 3.2 x 1.3 mm
More results

Similar Description - MCO-3S25-HP

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
MCO-3S-L QUARTZCOM-MCO-3S-L Datasheet
124Kb / 1P
   Low power SMD Clock Oscillator CMOS Miniature package: 5.0 x 3.2 x 1.2 mm
MCO-3S QUARTZCOM-MCO-3S Datasheet
126Kb / 1P
   SMD Clock Oscillator CMOS Miniature package: 5.0 x 3.2 x 1.3 mm
MCO-5S QUARTZCOM-MCO-5S Datasheet
128Kb / 1P
   SMD Clock Oscillator CMOS Sub miniature package: 3.2 x 2.5 x 1.2 mm
logo
Xtaltq Technologies Co....
BS5032A XTALTQ-BS5032A Datasheet
234Kb / 2P
   Typical 5.0 x 3.2 x 1.2 mm ceramic SMD package
logo
ILSI America LLC
ISM82 ILSI-ISM82 Datasheet
126Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD Oscillator
logo
QUARTZCOM the communica...
MCO-3S-DS-6P QUARTZCOM-MCO-3S-DS-6P Datasheet
118Kb / 1P
   SMD Clock Oscillator LVDS Small package size: 5.0 x 3.2 x 1.3 mm
MCO-3S-PE-6P QUARTZCOM-MCO-3S-PE-6P Datasheet
119Kb / 1P
   SMD Clock Oscillator LVPECL Small package size: 5.0 x 3.2 x 1.3 mm
logo
ILSI America LLC
ISM88 ILSI-ISM88 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD Oscillator, LVPECL
ISM89 ILSI-ISM89 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD Oscillator, LVDS
logo
Transko Electronics, In...
TP53A TRANSKO-TP53A Datasheet
417Kb / 2P
   MINIATURE CERAMIC SMD OSCILLATOR (5.0 x 3.2 x 1.3mm)
Rev.4: 07-28-2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com