Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXV4006 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPXV4006
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV4006 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPXV4006 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXV4006 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV4006 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV4006 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV4006 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV4006 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV4006 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV4006 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXV4006 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
MPXV4006
Sensors
Freescale Semiconductor
5
Pressure
On-Chip Temperature Compensation and Calibration
The performance over temperature is achieved by
integrating the shear-stress strain gauge, temperature
compensation, calibration and signal conditioning circuitry
onto a single monolithic chip.
Figure 2 illustrates the Differential or Gauge configuration
in the basic chip carrier (Case 482). A gel die coat isolates the
die surface and wire bonds from the environment, while
allowing the pressure signal to be transmitted to the silicon
diaphragm.
The MPXV4006/MPVZ4006 series sensor operating
characteristics are based on use of dry air as pressure media.
Media, other than dry air, may have adverse effects on sensor
performance and long-term reliability. Internal reliability and
qualification test for dry air, and other media, are available
from the factory. Contact the factory for information regarding
media tolerance in your application.
Figure 3 shows the recommended decoupling circuit for
interfacing the output of the integrated sensor to the A/D input
of a microprocessor or microcontroller. Proper decoupling of
the power supply is recommended.
Figure 4 and Figure 5 shows the sensor output signal
relative to pressure input. Typical, minimum and maximum
output curves are shown for operation over a temperature
range of 10
°C to 60°C using the decoupling circuit shown in
Figure 3. The output will saturate outside of the specified
pressure range.
Figure 2. Cross Sectional Diagram SOP
(not to scale)
Figure 3. Recommended Power Supply Decoupling
and Output Filtering Recommendations
(For additional output filtering, please refer to
Application Note AN1646.)
Figure 4. Output versus Pressure Differential
at ±5.0% VFSS (without auto zero, Note 5 in
Operating Characteristics)
Figure 5. Output versus Pressure Differential
at ±2.46% VFSS (with auto zero, Note 5 in
Operating Characteristics)
Fluorosilicone
Gel Die Coat
Wire
Bond
Differential Sensing
Element
Thermoplastic
Case
Stainless
Steel Cap
Lead
Frame
P1
P2
Die Bond
Die
1.0 μF
IPS
470 pF
OUTPUT
Vs
+5 V
0.01 μFGND
Vout
Differential Pressure (kPa)
4.0
3.0
2.0
1.0
0
02.0
4.5
4.0
6.0
5.0
3.5
2.5
1.5
0.5
VS = 5.0 Vdc
TEMP = 10 to 60°C
Transfer Function (kPa):
Vout = VS*[(0.1533*P) + 0.053] ± 5.0% VFSS
Differential Pressure (kPa)
4.0
3.0
2.0
1.0
0
02.0
4.5
4.0
6.0
MAX
MIN
5.0
3.5
2.5
1.5
0.5
VS = 5.0 Vdc
TEMP = 10 to 60°C
TYPICAL
Transfer Function (kPa):
Vout = VS*[(0.1533*P) + 0.053] ± 2.46% VFSS
MAX
MIN
TYPICAL


Similar Part No. - MPXV4006

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXV4006DP MOTOROLA-MPXV4006DP Datasheet
314Kb / 12P
   INTEGRATED PRESSURE SENSOR
MPXV4006DP MOTOROLA-MPXV4006DP Datasheet
6Mb / 670P
   Sensor
logo
Freescale Semiconductor...
MPXV4006DP FREESCALE-MPXV4006DP Datasheet
319Kb / 11P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned,Temperature Compensated and Calibrated
logo
Motorola, Inc
MPXV4006G MOTOROLA-MPXV4006G Datasheet
314Kb / 12P
   INTEGRATED PRESSURE SENSOR
logo
Freescale Semiconductor...
MPXV4006G FREESCALE-MPXV4006G Datasheet
319Kb / 11P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned,Temperature Compensated and Calibrated
More results

Similar Description - MPXV4006

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010 FREESCALE-MPX5010 Datasheet
443Kb / 18P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5999D FREESCALE-MPX5999D Datasheet
165Kb / 8P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5004G FREESCALE-MP3V5004G_10 Datasheet
332Kb / 14P
   Integrated Silicon Pressure Sensor, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5100 FREESCALE-MPX5100_10 Datasheet
356Kb / 17P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV7007 FREESCALE-MPXV7007 Datasheet
141Kb / 10P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com