Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCO-1S25-DS-6P Datasheet(PDF) 1 Page - QUARTZCOM the communications company

Part # MCO-1S25-DS-6P
Description  SMD Clock Oscillator LVDS Output frequency up to 320 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

MCO-1S25-DS-6P Datasheet(HTML) 1 Page - QUARTZCOM the communications company

  MCO-1S25-DS-6P Datasheet HTML 1Page - QUARTZCOM the communications company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MCO-1S-DS-6p
SMD Clock Oscillator
LVDS
2002/95/EC RoHS compliant
20 Apr. 10
QuartzCom AG
QuartzCom Asia
QuartzCom USA
sales@quartzcom.com
sales-asia@quartzcom.com
sales-usa@quartzcom.com
www.quartzcom.com
Features
Applications: 10 Gigabit Ethernet, SDH, SONET, Fibre Channel
broadband access, DSL, GPON and switching system
Output frequency up to 320 MHz
Low jitter < 0.5 ps
Specification
Parameter
MCO-1S25-DS-6p
MCO-1S3-DS-6p
Frequency range
20 ~ 320 MHz
Standard frequencies
77.76, 106.25, 125.0, 155.52, 156.25, 159.375, 161.1328, 164.355469
187.5, 212.5, 250.0 & 312.5 MHz
Supply voltage
+2.5 V
5 %
+3.3 V
5 %
Output signal
LVDS
Output voltage
VOH  1.60 V VOL  0.9 V
VOH  1.60 V VOL  0.9 V
Output load
100
Supply current
30 ~ 70 mA
Frequency stability (*)
25 ppm
over -20 ~ +70 °C
50 ppm
over -40 ~ +85 °C
Jitter (rms)
< 0.5 ps
@ 12 kHz ~ 20 MHz from carrier frequency
Symmetry
45 ~ 55 %
@ ½ Vdc
Rise / Fall time
< 1 ns
20 to 80 % of amplitude
Tri-state function
pin #1 = high or open
pin #4 & #5
signal
pin #1 = low
pin #4 & #5
high impedance
Operating temperature range
-20 ~ +70 °C
commercial application
-40 ~ +85 °C
industrial application
Storage temperature range
-55 ~ +125 °C
Packaging unit
tape & reel
1’000 pieces
(*) All inclusive:
frequency stability vs. temperature, tolerance, aging, supply & load variation
Customer specifications on request
Pin function
# 1
Tri-state or not connected
# 2
not connected or Tri-state
# 3
GND
# 4
Output
# 5
Complementary output
# 6
Vdc
Example for solder pattern
Do not design any conductive path between the pattern
Example for IR reflow soldering temperature


Similar Part No. - MCO-1S25-DS-6P

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
MCO-1S25-DSM-6P QUARTZCOM-MCO-1S25-DSM-6P Datasheet
124Kb / 1P
   SMD Clock Oscillator LVDS Fibre Channel, broadband access, DSL, GPON
More results

Similar Description - MCO-1S25-DS-6P

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
PXO-P9-DS-6P QUARTZCOM-PXO-P9-DS-6P Datasheet
119Kb / 1P
   SMD Clock Oscillator LVDS Output frequency up to 320 MHz
MCO-1S-PE-6P QUARTZCOM-MCO-1S-PE-6P Datasheet
124Kb / 1P
   SMD Clock Oscillator LVPECL Output frequency up to 320 MHz
PXO-P9-DSM-6P QUARTZCOM-PXO-P9-DSM-6P Datasheet
120Kb / 1P
   LVDS SMD Clock Oscillator Multiplier Output frequency up to 700 MHz
PXO-P9-PE-6P QUARTZCOM-PXO-P9-PE-6P Datasheet
122Kb / 1P
   Low jitter LVPECL SMD Clock Oscillator Output frequency up to 320 MHz
PXO-P9-3DSH-6J QUARTZCOM-PXO-P9-3DSH-6J Datasheet
112Kb / 1P
   Low jitter LVDS SMD Clock Oscillator Output frequency up to 800 MHz
MCO-SK-H-4P QUARTZCOM-MCO-SK-H-4P Datasheet
141Kb / 1P
   SMD Clock Oscillator HCMOS Output frequency up to 200 MHz
PXO-P9-H-6P QUARTZCOM-PXO-P9-H-6P Datasheet
115Kb / 1P
   SMD Clock Oscillator HCMOS / TTL Output frequency up to 200 MHz
PXO-P9-H-4P QUARTZCOM-PXO-P9-H-4P Datasheet
112Kb / 1P
   SMD Clock Oscillator HCMOS / TTL Output frequency up to 200 MHz
PXO-P9-3PEM-6P QUARTZCOM-PXO-P9-3PEM-6P Datasheet
112Kb / 1P
   LVPECL SMD Clock Oscillator Multiplier Output frequency up to 700 MHz
VXO-P9-DEH-6J QUARTZCOM-VXO-P9-DEH-6J Datasheet
107Kb / 1P
   SMD VCXO LVDS Output frequency up to 800 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com