Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCO-1S3SC025 Datasheet(PDF) 1 Page - QUARTZCOM the communications company

Part # MCO-1S3SC025
Description  Low EMI Spread Spectrum Oscillator ADSL router, terminal adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

MCO-1S3SC025 Datasheet(HTML) 1 Page - QUARTZCOM the communications company

  MCO-1S3SC025 Datasheet HTML 1Page - QUARTZCOM the communications company MCO-1S3SC025 Datasheet HTML 2Page - QUARTZCOM the communications company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MCO-1S3S
Low EMI Spread Spectrum Oscillator
Applications
 WLAN access point
 ADSL router, terminal adapter
 STB (terrestrial, cable, satellite)
 Mobile device
 Digital audio device
 LAN / WAN terminal
 Various EMI (electromagnetic interference) reduction applications
Parameter
Specification
Frequency range
8 ~ 170 MHz
Frequency stability
±50 ppm ~ ±100 ppm
Supply voltage
3.3 V
±5 %
Output signal
CMOS
Spread rate
±0.25 ~ ±2.00 %
Output voltage
VOL  0.1 Vdc VOH  0.9 Vdc
Output load
15 pF
Tri-State function
high or open
 pin #4 (E) enable
Operating temperature range
-10 to +70 °C or -40 to +85 °C
Center Spread Type
Spread rate
Model
±0.25 %
MCO-1S3SC025
±0.50 %
MCO-1S3SC050
±0.75 %
MCO-1S3SC075
±1.00 %
MCO-1S3SC100
±1.50 %
MCO-1S3SC150
±2.00 %
MCO-1S3SC200
symmetrical
Down Spread Type
Spread rate
Model
-0.50 %
MCO-1S3SD050
-1.00 %
MCO-1S3SD100
-1.50 %
MCO-1S3SD150
-2.00 %
MCO-1S3SD200
-3.00 %
MCO-1S3SD300
-4.00 %
MCO-1S3SD400
down side spectrum only
2002/95/EC RoHS compliant
31 Mar. 10
QuartzCom AG
QuartzCom Asia
QuartzCom USA
sales@quartzcom.com
sales-asia@quartzcom.com
sales-usa@quartzcom.com
www.quartzcom.com


Similar Part No. - MCO-1S3SC025

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
MCO-1S3 QUARTZCOM-MCO-1S3 Datasheet
119Kb / 1P
   SMD Clock Oscillator HCMOS / TTL Highly shock and vibration resistant
MCO-1S3-DS-6P QUARTZCOM-MCO-1S3-DS-6P Datasheet
122Kb / 1P
   SMD Clock Oscillator LVDS Output frequency up to 320 MHz
MCO-1S3-DSM-6P QUARTZCOM-MCO-1S3-DSM-6P Datasheet
124Kb / 1P
   SMD Clock Oscillator LVDS Fibre Channel, broadband access, DSL, GPON
MCO-1S3-PE-6P QUARTZCOM-MCO-1S3-PE-6P Datasheet
124Kb / 1P
   SMD Clock Oscillator LVPECL Output frequency up to 320 MHz
MCO-1S3-PEM-6P QUARTZCOM-MCO-1S3-PEM-6P Datasheet
123Kb / 1P
   Fibre Channel, broadband access, DSL, GPON Output frequency up to 700 MHz
More results

Similar Description - MCO-1S3SC025

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASSM ABRACON-ASSM Datasheet
95Kb / 2P
   LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATOR
ASSFL ABRACON-ASSFL Datasheet
323Kb / 2P
   3.3V LOW EMI SMD SPREAD SPECTRUM CLOCK OSCILLATOR
ASSV ABRACON-ASSV Datasheet
411Kb / 4P
   3.3V LOW EMI SMD SPREAD SPECTRUM CLOCK OSCILLATOR
07.11.07
ASSV ABRACON-ASSV_08 Datasheet
1Mb / 4P
   3.3V LOW EMI SMD SPREAD SPECTRUM CLOCK OSCILLATOR
09.24.08
logo
Cypress Semiconductor
FS791 CYPRESS-FS791 Datasheet
143Kb / 9P
   Low EMI Spectrum Spread Clock
logo
SiTime Corp.
SIT9003 SITIME-SIT9003 Datasheet
444Kb / 9P
   Low Power Spread Spectrum Oscillator
logo
Cypress Semiconductor
CYIFS781BSXC CYPRESS-CYIFS781BSXC Datasheet
252Kb / 12P
   Low EMI Spectrum Spread Clock
logo
List of Unclassifed Man...
SM532 ETC1-SM532 Datasheet
132Kb / 14P
   Low EMI Spectrum Spread Clock
logo
Cypress Semiconductor
FS781 CYPRESS-FS781 Datasheet
196Kb / 12P
   Low EMI Spectrum Spread Clock
logo
Abracon Corporation
ASSVP ABRACON-ASSVP Datasheet
879Kb / 3P
   2.5V / 3.3Vdc PROGRAMMABLE SPREAD SPECTRUM LOW EMI CLOCK OSCILLATOR
09.17.08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com