Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCO-SM-P-4J Datasheet(PDF) 1 Page - QUARTZCOM the communications company

Part # MCO-SM-P-4J
Description  Plastic moulded SMD Clock Oscillator Programmable Output frequency up to 68 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

MCO-SM-P-4J Datasheet(HTML) 1 Page - QUARTZCOM the communications company

  MCO-SM-P-4J Datasheet HTML 1Page - QUARTZCOM the communications company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MCO-SM-P-4J
Plastic moulded SMD Clock Oscillator
Programmable
2002/95/EC RoHS compliant
20 Apr. 10
QuartzCom AG
QuartzCom Asia
QuartzCom USA
sales@quartzcom.com
sales-asia@quartzcom.com
sales-usa@quartzcom.com
www.quartzcom.com
Features
Applications: microprocessor, instrumentation, interface
Output frequency up to 68 MHz
Low price
Programmable
Specification
Parameter
MCO-SM-3P-4J
MCO-SM-5P-4J
Frequency range
1.544 ~ 68.00 MHz
Supply voltage
+3.3 V
5 %
+5.0 V
5 %
Supply current
3 ~ 45 mA
Frequency stability (*)
±50 ppm
-20 ~ +70 °C
±100 ppm
-40 ~ +85 °C
Output signal
HCMOS / TTL compatible
Output level
VOH  0.9 Vdc
VOL  0 .1 Vdc
Output load
50 pF
Jitter (rms)
< 20 ps @ 12 kHz ~ 20 MHz from carrier frequency
Symmetry
45 ~ 55 %
@ ½ Vdc
Rise / Fall time
2 ~ 8 ns
Enable / Disable function
pin #1 = high or open
pin #3
(E) enable
pin #1 = low
pin #3
(D) disabled to Hi-Z
Operating temperature range
-20 ~ +70 °C
commercial application
-40 ~ +85 °C
industrial application
Storage temperature range
-55 ~ +125 °C
Packaging unit
tape & reel
500 or 1’000 pieces
(*) All inclusive:
frequency stability vs. temperature, tolerance, aging, supply & load variation
Customer specifications on request
Pin function
# 1
E/D or non connected
# 2
GND
# 3
Output
# 4
Vdc
Example for solder pattern
Example for IR reflow soldering temperature


Similar Part No. - MCO-SM-P-4J

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
MCO-SM-3H-4J QUARTZCOM-MCO-SM-3H-4J Datasheet
107Kb / 1P
   Plastic moulded SMD Clock Oscillator HCMOS / TTL Output frequency up to 68 MHz
MCO-SM-5H-4J QUARTZCOM-MCO-SM-5H-4J Datasheet
107Kb / 1P
   Plastic moulded SMD Clock Oscillator HCMOS / TTL Output frequency up to 68 MHz
MCO-SM-H-4J QUARTZCOM-MCO-SM-H-4J Datasheet
107Kb / 1P
   Plastic moulded SMD Clock Oscillator HCMOS / TTL Output frequency up to 68 MHz
More results

Similar Description - MCO-SM-P-4J

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
MCO-SM-H-4J QUARTZCOM-MCO-SM-H-4J Datasheet
107Kb / 1P
   Plastic moulded SMD Clock Oscillator HCMOS / TTL Output frequency up to 68 MHz
MCO-1S-PE-6P QUARTZCOM-MCO-1S-PE-6P Datasheet
124Kb / 1P
   SMD Clock Oscillator LVPECL Output frequency up to 320 MHz
PXO-P9-DS-6P QUARTZCOM-PXO-P9-DS-6P Datasheet
119Kb / 1P
   SMD Clock Oscillator LVDS Output frequency up to 320 MHz
MCO-1S-DS-6P QUARTZCOM-MCO-1S-DS-6P Datasheet
122Kb / 1P
   SMD Clock Oscillator LVDS Output frequency up to 320 MHz
MCO-SK-H-4P QUARTZCOM-MCO-SK-H-4P Datasheet
141Kb / 1P
   SMD Clock Oscillator HCMOS Output frequency up to 200 MHz
PXO-P9-H-6P QUARTZCOM-PXO-P9-H-6P Datasheet
115Kb / 1P
   SMD Clock Oscillator HCMOS / TTL Output frequency up to 200 MHz
PXO-P9-DSM-6P QUARTZCOM-PXO-P9-DSM-6P Datasheet
120Kb / 1P
   LVDS SMD Clock Oscillator Multiplier Output frequency up to 700 MHz
PXO-P9-H-4P QUARTZCOM-PXO-P9-H-4P Datasheet
112Kb / 1P
   SMD Clock Oscillator HCMOS / TTL Output frequency up to 200 MHz
PXO-P9-3PEM-6P QUARTZCOM-PXO-P9-3PEM-6P Datasheet
112Kb / 1P
   LVPECL SMD Clock Oscillator Multiplier Output frequency up to 700 MHz
PXO-P9-3DSH-6J QUARTZCOM-PXO-P9-3DSH-6J Datasheet
112Kb / 1P
   Low jitter LVDS SMD Clock Oscillator Output frequency up to 800 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com