Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF5S21045NR1 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MRF5S21045NR1
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF5S21045NR1 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MRF5S21045NR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF5S21045NR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF5S21045NR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF5S21045NR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF5S21045NR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF5S21045NR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF5S21045NR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF5S21045NR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF5S21045NR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MRF5S21045NR1 MRF5S21045NBR1
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
-20
-8
-1 1
-14
-17
-22
-10
-13
-16
-19
2220
2060
IRL
Gps
ACPR
IM3
f, FREQUENCY (MHz)
Figure 3. 2-Carrier W-CDMA Broadband Performance @ Pout = 10 Watts
2200
2180
2160
2140
2120
2100
2080
13.4
15.2
15
-44
32
28
24
20
16
-32
-36
-40
f, FREQUENCY (MHz)
Figure 4. 2-Carrier W-CDMA Broadband Performance @ Pout = 20 Watts
Figure 5. Two-T one Power Gain versus
Output Power
Figure 6. Third Order Intermodulation Distortion
versus Output Power
100
11
17
1
IDQ = 800 mA
650 mA
Pout, OUTPUT POWER (WATTS) PEP
VDD = 28 Vdc
f1 = 2135 MHz, f2 = 2145 MHz
Two-Tone Measurements
15
13
12
10
-40
-1 0
1
Pout, OUTPUT POWER (WATTS) PEP
10
-2 0
-3 0
100
-60
-5 0
ηD
14.8
14.6
14.4
14.2
14
13.8
13.6
-28
VDD = 28 Vdc, Pout = 10 W (Avg.), IDQ = 500 mA
2-Carrier W-CDMA, 10 MHz Carrier Spacing,
3.84 MHz Channel Bandwidth
PAR = 8.5 dB @ 0.01%
Probability (CCDF)
2220
2060
2200
2180
2160
2140
2120
2100
2080
13
14.8
-34
46
42
38
34
30
-22
-26
-30
14.4
14.2
14
13.8
13.6
13.4
13.2
-18
14.6
IRL
Gps
ACPR
IM3
ηD
VDD = 28 Vdc, Pout = 20 W (Avg.), IDQ = 500 mA
2-Carrier W-CDMA, 10 MHz Carrier Spacing,
3.84 MHz Channel Bandwidth, PAR = 8.5 dB
@ 0.01% Probability (CCDF)
16
14
500 mA
350 mA
200 mA
IDQ = 200 mA
650 mA
800 mA
500 mA
350 mA
VDD = 28 Vdc
f1 = 2135 MHz, f2 = 2145 MHz
Two-Tone Measurements


Similar Part No. - MRF5S21045NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF5S21045NR1 FREESCALE-MRF5S21045NR1 Datasheet
522Kb / 12P
   RF Power Field Effect Transistors
MRF5S21045NR1 FREESCALE-MRF5S21045NR1 Datasheet
557Kb / 16P
   RF Power Field Effect Transistors
More results

Similar Description - MRF5S21045NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com