Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF5S21045NBR1 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MRF5S21045NBR1
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF5S21045NBR1 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MRF5S21045NBR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF5S21045NBR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF5S21045NBR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF5S21045NBR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF5S21045NBR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF5S21045NBR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF5S21045NBR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF5S21045NBR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF5S21045NBR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
RF Device Data
Freescale Semiconductor
MRF5S21045NR1 MRF5S21045NBR1
TYPICAL CHARACTERISTICS
Figure 7. Intermodulation Distortion Products
versus Tone Spacing
10
-60
-2 5
0.1
7th Order
TWO-T ONE SPACING (MHz)
VDD = 28 Vdc, Pout = 45 W (PEP), IDQ = 500 mA
Two-Tone Measurements
(f1 + f2)/2 = Center Frequency of 2140 MHz
5th Order
3rd Order
-3 0
-3 5
-4 0
-4 5
-5 0
-5 5
1
100
Figure 8. Pulse CW Output Power versus
Input Power
40
54
P3dB = 48.17 dBm (65.6 W)
Pin, INPUT POWER (dBm)
VDD = 28 Vdc, IDQ = 500 mA
Pulsed CW, 8
μsec(on), 1 msec(off)
f = 2140 MHz
52
46
42
30
34
32
36
Actual
Ideal
P1dB = 47.60 dBm (57.5 W)
50
44
48
38
28
Figure 9. 2-Carrier W-CDMA ACPR, IM3,
Power Gain and Drain Efficiency
versus Output Power
0
Pout, OUTPUT POWER (WATTS) AVG.
40
-10
-20
30
-30
-40
10
-50
1
10
100
20
VDD = 28 Vdc, IDQ = 500 mA
f1 = 2135 MHz, f2 = 2145 MHz
2 x W-CDMA, 10 MHz
@ 3.84 MHz Bandwidth
PAR = 8.5 dB @ 0.01%
Probability (CCDF)
100
11
17
0.1
0
60
Pout, OUTPUT POWER (WATTS) CW
Figure 10. Power Gain and Drain Efficiency
versus CW Output Power
VDD = 28 Vdc
IDQ = 500 mA
f = 2140 MHz
10
1
16
15
14
13
12
50
40
30
20
10
Figure 11. Power Gain versus Output Power
Pout, OUTPUT POWER (WATTS) CW
VDD = 12 V
16 V
80
6
16
050
20
10
8
30
40
12
14
IDQ = 500 mA
f = 2140 MHz
TC = -30_C
25
_C
IM3
ηD
-30
_C
85
_C
85
_C
25
_C
-30
_C
85
_C
ACPR
25
_C
-30
_C
25
_C
Gps
85
_C
TC = -30_C
-30
_C
25
_C
85
_C
25
_C
70
60
10
20 V
24 V
28 V
32 V
85
_C


Similar Part No. - MRF5S21045NBR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF5S21045NBR1 FREESCALE-MRF5S21045NBR1 Datasheet
522Kb / 12P
   RF Power Field Effect Transistors
More results

Similar Description - MRF5S21045NBR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com