Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMX-3C Datasheet(PDF) 1 Page - QUARTZCOM the communications company

Part # SMX-3C
Description  Full ceramic SMD Crystal Reflow soldering @ 260 째C
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

SMX-3C Datasheet(HTML) 1 Page - QUARTZCOM the communications company

  SMX-3C Datasheet HTML 1Page - QUARTZCOM the communications company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMX-3C
Full ceramic SMD Crystal
2002/95/EC RoHS compliant
03 May. 10
QuartzCom AG
QuartzCom Asia
QuartzCom USA
sales@quartzcom.com
sales-asia@quartzcom.com
sales-usa@quartzcom.com
www.quartzcom.com
Features
Applications: telecommunications, audio, automotive, instruments
Small package size
Reliable, low cost crystal
Reflow soldering @ 260 °C
Parameter
Specification
Frequency range
8 ~ 67 MHz
fundamental
Mode of oscillation
AT-cut
Standard frequencies
8.00, 13.00, 16.00, 19.20, 20.00, 24.576, 25.00 & 32.00 MHz
Frequency tolerance
±25 ~ ±50 ppm
@ +25 °C
Frequency stability
±10 ~ ±50 ppm
vs. operating temperature range
Aging
±2 ppm
1
st year
Load capacitance
series or parallel resonance (CL = 8 ~ 32 pF)
Equivalent series resistance (ESR)
< 12
Ω
@ 16 MHz
< 10
Ω
@ 32 MHz
Drive level
10 ~ 100
μW
Operating temperature range
-20 ~ +70 °C
commercial application
-40 ~ +85 °C
industrial application
-40 ~ +125 °C
automotive application
Storage temperature range
-55 ~ +125 °C
Packaging unit
tape & reel
1’000 or 2’000 pieces
Customer specifications on request
Example for soldering pattern
Do not design any conductive path between the pattern
Example for IR reflow soldering temperature


Similar Part No. - SMX-3C

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
SMX-315 QUARTZCOM-SMX-315 Datasheet
105Kb / 1P
   Ceramic packaged SMD Watch Crystal Reliable, low cost crystal
SMX-3F QUARTZCOM-SMX-3F Datasheet
107Kb / 1P
   Ultra low profile SMD Crystal Reflow soldering @ 260 째C
SMX-3F3 QUARTZCOM-SMX-3F3 Datasheet
112Kb / 1P
   Highly reliable low cost crystal Designed for automotive Reflow soldering @ 260 째C
SMX-3S QUARTZCOM-SMX-3S Datasheet
114Kb / 1P
   Miniature SMD Crystal Highly shock and vibration resistant
More results

Similar Description - SMX-3C

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
SMX-1CL QUARTZCOM-SMX-1CL Datasheet
139Kb / 1P
   Full ceramic SMD Crystal Reflow soldering @ 260 째C
SMX-2C QUARTZCOM-SMX-2C Datasheet
104Kb / 1P
   Full ceramic SMD Crystal Reflow soldering @ 260 째C
SMX-4S QUARTZCOM-SMX-4S Datasheet
116Kb / 1P
   Miniature SMD Crystal Reflow soldering @ 260 째C
SMX-2S QUARTZCOM-SMX-2S Datasheet
112Kb / 1P
   Miniature SMD Crystal Reflow soldering @ 260 째C
SMX-7S QUARTZCOM-SMX-7S Datasheet
114Kb / 1P
   Miniature SMD Crystal Reflow soldering @ 260 째C
SMX-206T QUARTZCOM-SMX-206T Datasheet
110Kb / 1P
   Plastic moulded SMD Watch Crystal Reflow soldering @ 260 째C
SMX-3F QUARTZCOM-SMX-3F Datasheet
107Kb / 1P
   Ultra low profile SMD Crystal Reflow soldering @ 260 째C
SMX-206L QUARTZCOM-SMX-206L Datasheet
112Kb / 1P
   Plastic moulded SMD Watch Crystal Reflow soldering @ 260 째C
SMX-1SHFMESA QUARTZCOM-SMX-1SHFMESA Datasheet
118Kb / 1P
   High frequency fundamental SMD Crystal Reflow soldering @ 260
SMX-3F3 QUARTZCOM-SMX-3F3 Datasheet
112Kb / 1P
   Highly reliable low cost crystal Designed for automotive Reflow soldering @ 260 째C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com