Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF6S18060NR1 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MRF6S18060NR1
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6S18060NR1 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MRF6S18060NR1_08 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF6S18060NR1_08 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF6S18060NR1_08 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6S18060NR1_08 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6S18060NR1_08 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6S18060NR1_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6S18060NR1_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6S18060NR1_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF6S18060NR1_08 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
RF Device Data
Freescale Semiconductor
MRF6S18060NR1 MRF6S18060NBR1
TYPICAL CHARACTERISTICS 1900 MHz
Figure 7. Power Gain and Drain Efficiency
versus CW Output Power
Figure 8. EVM versus Frequency
100
10
17
1
0
70
VDD = 26 Vdc
IDQ = 600 mA
f = 1960 MHz
TC = −30_C
−30
_C
25
_C
85
_C
10
16
15
14
13
12
11
60
50
40
30
20
10
Pout, OUTPUT POWER (WATTS) CW
Figure 9. EVM and Drain Efficiency versus
Output Power
−55
−60
−65
−70
−75
1920
−80
Figure 10. Spectral Regrowth at 400 kHz and
600 kHz versus Frequency
f, FREQUENCY (MHz)
Pout = 35 W Avg.
25 W Avg.
10 W Avg.
VDD = 26 Vdc
IDQ = 450 mA
Pout, OUTPUT POWER (WATTS) AVG.
100
4
12
VDD = 26 Vdc
IDQ = 450 mA
f = 1960 MHz
EDGE Modulation
8
6
0
10
1
2
20
60
40
30
0
10
TC = −30_C, 25_C
85
_C
Gps
TC = −30_C
25
_C
85
_C
−75
−45
0
Pout, OUTPUT POWER (WATTS) AVG.
−50
−55
−60
−65
−70
10
Figure 11. Spectral Regrowth at 400 kHz
versus Output Power
ηD
ηD
2020
1
4
1900
3
2.5
1.5
1980
1960
1940
1920
3.5
2
25
_C
85
_C
2000
10
50
EVM
−30
_C
25
_C
85
_C
1940
1960
1980
2000
VDD = 26 Vdc
IDQ = 450 mA
f = 1960 MHz
EDGE Modulation
Pout = 35 W Avg.
25 W Avg.
10 W Avg.
35 W Avg.
25 W Avg.
10 W Avg.
20
30
40
50
60
TC = 85_C
25
_C
−30
_C
−85
−55
0
Pout, OUTPUT POWER (WATTS) AVG.
−60
−70
−75
−80
10
Figure 12. Spectral Regrowth at 600 kHz
versus Output Power
20
30
40
50
60
−65
SR @ 400 kHz
SR @ 600 kHz
VDD = 26 Vdc
IDQ = 450 mA
f = 1960 MHz
EDGE Modulation
VDD = 26 Vdc
IDQ = 450 mA
f = 1960 MHz
EDGE Modulation
f, FREQUENCY (MHz)


Similar Part No. - MRF6S18060NR1_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S18060NR1 FREESCALE-MRF6S18060NR1 Datasheet
695Kb / 20P
   RF Power Field Effect Transistors
More results

Similar Description - MRF6S18060NR1_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com