Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF6S21060NR1 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MRF6S21060NR1
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6S21060NR1 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MRF6S21060NR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF6S21060NR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF6S21060NR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6S21060NR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6S21060NR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6S21060NR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6S21060NR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6S21060NR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF6S21060NR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
RF Device Data
Freescale Semiconductor
MRF6S21060NR1 MRF6S21060NBR1
TYPICAL CHARACTERISTICS
200
10
17
1
0
70
Pout, OUTPUT POWER (WATTS) CW
10
16
14
12
60
50
40
30
15
13
11
VDD = 28 Vdc
IDQ = 610 mA
f = 2140 MHz
ηD
Gps
Figure 7. Intermodulation Distortion Products
versus Tone Spacing
10
-60
-1 0
0.1
7th Order
TWO-T ONE SPACING (MHz)
VDD = 28 Vdc, Pout = 60 W (PEP), IDQ = 610 mA
Two-Tone Measurements
(f1 + f2)/2 = Center Frequency of 2140 MHz
5th Order
3rd Order
-2 0
-3 0
-4 0
-5 0
1
100
Figure 8. Pulsed CW Output Power versus
Input Power
Figure 9. 2-Carrier W-CDMA ACPR, IM3, Power Gain
and Drain Efficiency versus Output Power
0
-60
Pout, OUTPUT POWER (WATTS) AVG.
60
0
-20
40
30
-30
10
10
200
-40
40
57
P3dB = 49.986 dBm (99.68 W)
Pin, INPUT POWER (dBm)
VDD = 28 Vdc, IDQ = 610 mA
Pulsed CW, 8
μsec(on), 1 msec(off)
f = 2140 MHz
53
49
45
43
32
30
36
34
Actual
Ideal
55
51
47
28
Figure 10. Power Gain and Drain Efficiency
versus CW Output Power
Figure 11. Power Gain versus Output Power
Pout, OUTPUT POWER (WATTS) CW
IM3
Gps
VDD = 24 V
120
10
16
0
12
11
20
13
14
IDQ = 610 mA
f = 2140 MHz
50
-50
ηD
ACPR
28 V
32 V
38
1
-10
40
60
80
10
20
P1dB = 49.252 dBm (84.18 W)
20
-30
_C
TC = -30_C
85
_C
25
_C
TC = -30_C
85
_C
25
_C
85
_C
-30
_C
100
-30
_C
25
_C
85
_C
100
25
_C
15
100
VDD = 28 Vdc, IDQ = 610 mA
f1 = 2135 MHz, f2 = 2145 MHz
2-Carrier W-CDMA, 10 MHz Carrier
Spacing, 3.84 MHz Channel
Bandwidth, PAR = 8.5 dB @ 0.01%
Probability (CCDF)
25
_C


Similar Part No. - MRF6S21060NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S21060NR1 FREESCALE-MRF6S21060NR1 Datasheet
803Kb / 18P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF6S21060NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com