Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF6S27015NR1 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MRF6S27015NR1
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6S27015NR1 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MRF6S27015NR1_08 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6S27015NR1_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6S27015NR1_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6S27015NR1_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF6S27015NR1_08 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF6S27015NR1_08 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF6S27015NR1_08 Datasheet HTML 12Page - Freescale Semiconductor, Inc MRF6S27015NR1_08 Datasheet HTML 13Page - Freescale Semiconductor, Inc MRF6S27015NR1_08 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
RF Device Data
Freescale Semiconductor
MRF6S27015NR1 MRF6S27015GNR1
Table 7. Common Source Scattering Parameters (VDD = 28 V, IDQ = 160 mA, TC = 25°C, 50 ohm system)
f
MH
S11
S21
S12
S22
MHz
|S11|
∠φ
|S21|
∠φ
|S12|
∠φ
|S22|
∠φ
500
0.984
-178.2
1.453
39.2
0.001
-109.8
0.870
-122.3
550
0.984
-179.0
1.180
36.5
0.000
-121.0
0.888
-127.6
600
0.986
180.0
0.958
34.4
0.000
159.6
0.901
-132.0
650
0.987
179.0
0.776
33.0
0.001
118.4
0.911
-135.8
700
0.987
178.1
0.627
32.3
0.001
106.5
0.921
-139.1
750
0.986
177.3
0.502
32.5
0.001
104.2
0.931
-142.1
800
0.985
176.5
0.397
34.1
0.002
96.0
0.940
-144.8
850
0.985
175.8
0.308
37.7
0.002
95.6
0.944
-147.3
900
0.984
175.1
0.235
44.5
0.003
94.0
0.951
-149.5
950
0.983
174.5
0.180
56.5
0.003
91.2
0.956
-151.5
1000
0.982
173.8
0.146
75.6
0.003
91.2
0.962
-153.4
1050
0.981
173.2
0.142
98.9
0.004
89.9
0.965
-155.2
1100
0.980
172.5
0.163
118.0
0.004
89.2
0.969
-156.8
1150
0.978
171.9
0.199
129.9
0.005
88.9
0.973
-158.3
1200
0.976
171.2
0.243
136.6
0.005
87.4
0.976
-159.8
1250
0.974
170.5
0.291
140.2
0.006
86.5
0.980
-161.1
1300
0.970
169.8
0.342
141.8
0.006
86.3
0.983
-162.4
1350
0.966
169.0
0.395
142.1
0.006
84.6
0.986
-163.7
1400
0.960
168.3
0.452
141.5
0.006
84.8
0.988
-164.9
1450
0.953
167.5
0.514
140.2
0.007
86.9
0.990
-166.1
1500
0.945
166.6
0.580
138.4
0.007
92.5
0.993
-167.3
1550
0.933
165.8
0.655
135.9
0.009
100.3
0.992
-168.4
1600
0.918
164.9
0.738
132.5
0.011
93.7
0.994
-169.4
1650
0.901
164.1
0.828
128.4
0.013
83.6
0.996
-170.4
1700
0.879
163.2
0.925
123.5
0.014
75.4
0.997
-171.6
1750
0.850
162.5
1.030
117.6
0.014
69.1
0.998
-172.8
1800
0.815
162.2
1.139
110.8
0.015
62.8
0.995
-173.9
1850
0.775
162.5
1.246
102.7
0.016
55.8
0.991
-175.0
1900
0.734
164.0
1.337
93.6
0.016
48.2
0.984
-176.0
1950
0.700
167.0
1.399
83.5
0.015
40.3
0.976
-176.9
2000
0.683
171.0
1.420
73.1
0.015
33.2
0.966
-177.6
2050
0.687
175.1
1.396
62.9
0.014
26.5
0.957
-178.0
2100
0.710
178.5
1.338
53.4
0.012
22.1
0.951
-178.3
2150
0.741
-179.3
1.259
45.0
0.011
19.8
0.948
-178.6
2200
0.774
-178.2
1.169
37.6
0.010
19.7
0.947
-178.9
2250
0.805
-177.8
1.079
31.1
0.009
19.7
0.947
-179.2
2300
0.832
-177.9
0.993
25.8
0.008
19.6
0.948
-179.5
2350
0.855
-178.2
0.917
21.2
0.007
22.6
0.950
-179.9
(continued)


Similar Part No. - MRF6S27015NR1_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S27015NR1 FREESCALE-MRF6S27015NR1_07 Datasheet
548Kb / 17P
   RF Power Field Effect Transistors
More results

Similar Description - MRF6S27015NR1_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com