Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF6V12250HR3 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MRF6V12250HR3
Description  RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6V12250HR3 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MRF6V12250HR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6V12250HR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6V12250HR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6V12250HR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6V12250HR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF6V12250HR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF6V12250HR3 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF6V12250HR3 Datasheet HTML 12Page - Freescale Semiconductor, Inc MRF6V12250HR3 Datasheet HTML 13Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
RF Device Data
Freescale Semiconductor
MRF6V12250HR3 MRF6V12250HSR3
Zo =10 Ω
Zload
Zsource
f = 1215 MHz
f = 960 MHz
f = 960 MHz
f = 1215 MHz
VDD =50 Vdc,IDQ = 100 mA, Pout = 250 W Peak
f
MHz
Zsource
Zload
960
4.00 -- j4.14
3.96 -- j1.70
970
4.05 -- j3.99
3.90 -- j1.67
980
4.16 -- j3.86
3.83 -- j1.66
990
4.33 -- j3.71
3.75 -- j1.66
1000
4.49 -- j3.57
3.70 -- j1.65
1010
4.61 -- j3.43
3.68 -- j1.62
1020
4.66 -- j3.33
3.69 -- j1.59
1030
4.68 -- j3.26
3.69 -- j1.54
1040
4.72 -- j3.20
3.67 -- j1.52
1050
4.83 -- j3.13
3.59 -- j1.53
1060
5.02 -- j3.06
3.48 -- j1.53
1070
5.24 -- j2.99
3.38 -- j1.53
1080
5.42 -- j2.96
3.32 -- j1.51
1090
5.51 -- j2.99
3.30 -- j1.47
VDD =50 Vdc,IDQ = 100 mA, Pout = 250 W Peak
f
MHz
Zsource
Zload
1100
5.49 -- j3.04
3.32 -- j1.43
1110
5.47 -- j3.07
3.31 -- j1.42
1120
5.52 -- j3.09
3.24 -- j1.40
1130
5.68 -- j3.13
3.12 -- j1.39
1140
5.89 -- j3.20
2.99 -- j1.36
1150
6.06 -- j3.32
2.88 -- j1.30
1160
6.09 -- j3.47
2.83 -- j1.23
1170
5.98 -- j3.60
2.83 -- j1.19
1180
5.85 -- j3.69
2.80 -- j1.15
1190
5.78 -- j3.76
2.75 -- j1.11
1200
5.81 -- j3.87
2.65 -- j1.07
1210
5.89 -- j4.02
2.52 -- j1.01
1215
5.91 -- j4.11
2.47 -- j0.97
Zsource = Test circuit impedance as measured from gate to ground.
Zload
= Test circuit impedance as measured from drain to ground.
Figure 16. Series Equivalent Source and Load Impedance — 960--1215 MHz
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network


Similar Part No. - MRF6V12250HR3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MRF6V12250HR3 NXP-MRF6V12250HR3 Datasheet
1Mb / 13P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 2, 4/2010
More results

Similar Description - MRF6V12250HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com