Electronic Components Datasheet Search |
|
MPC8572EPXAVNB Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc |
|
MPC8572EPXAVNB Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc |
9 / 140 page MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4 Freescale Semiconductor 9 Overview — 256-byte maximum payload size — Virtual channel 0 only — Full 64-bit decode with 36-bit wide windows • Pin multiplexing for the high-speed I/O interfaces supports one of the following configurations: — Single x8/x4/x2/x1 PCI Express — Dual x4/x2/x1 PCI Express — Single x4/x2/x1 PCI Express and dual x2/x1 PCI Express — Single 1x/4x Serial RapidIO and single x4/x2/x1 PCI Express • Power management — Supports power saving modes: doze, nap, and sleep — Employs dynamic power management, that automatically minimizes power consumption of blocks when they are idle • System performance monitor — Supports eight 32-bit counters that count the occurrence of selected events — Ability to count up to 512 counter-specific events — Supports 64 reference events that can be counted on any of the eight counters — Supports duration and quantity threshold counting — Permits counting of burst events with a programmable time between bursts — Triggering and chaining capability — Ability to generate an interrupt on overflow • System access port — Uses JTAG interface and a TAP controller to access entire system memory map — Supports 32-bit accesses to configuration registers — Supports cache-line burst accesses to main memory — Supports large block (4-Kbyte) uploads and downloads — Supports continuous bit streaming of entire block for fast upload and download • IEEE Std 1149.1™ compatible, JTAG boundary scan • 1023 FC-PBGA package |
Similar Part No. - MPC8572EPXAVNB |
|
Similar Description - MPC8572EPXAVNB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |