Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF6V12500HR3 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MRF6V12500HR3
Description  RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6V12500HR3 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MRF6V12500HR3_10 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF6V12500HR3_10 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF6V12500HR3_10 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF6V12500HR3_10 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6V12500HR3_10 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6V12500HR3_10 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6V12500HR3_10 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6V12500HR3_10 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6V12500HR3_10 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
RF Device Data
Freescale Semiconductor
MRF6V12500HR3 MRF6V12500HSR3
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
2 (Minimum)
Machine Model (per EIA/JESD22--A115)
B (Minimum)
Charge Device Model (per JESD22--C101)
IV (Minimum)
Table 4. Electrical Characteristics (TA =25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
10
μAdc
Drain--Source Breakdown Voltage
(VGS =0 Vdc, ID = 200 mA)
V(BR)DSS
110
Vdc
Zero Gate Voltage Drain Leakage Current
(VDS =50 Vdc, VGS =0 Vdc)
IDSS
20
μAdc
Zero Gate Voltage Drain Leakage Current
(VDS =90 Vdc, VGS =0 Vdc)
IDSS
200
μAdc
On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID =1.32 mA)
VGS(th)
0.9
1.7
2.4
Vdc
Gate Quiescent Voltage
(VDD =50 Vdc, ID = 200 mAdc, Measured in Functional Test)
VGS(Q)
1.7
2.4
3.2
Vdc
Drain--Source On--Voltage
(VGS =10 Vdc, ID =3.26 Adc)
VDS(on)
0.25
Vdc
Dynamic Characteristics (1)
Reverse Transfer Capacitance
(VDS =50 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Crss
0.2
pF
Output Capacitance
(VDS =50 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Coss
697
pF
Input Capacitance
(VDS =50 Vdc, VGS =0 Vdc ± 30 mV(rms)ac @ 1 MHz)
Ciss
1391
pF
Functional Tests (In Freescale Narrowband Test Fixture, 50 ohm system) VDD =50 Vdc, IDQ = 200 mA, Pout = 500 W Peak (50 W Avg.),
f = 1030 MHz, Pulsed, 128 μsec Pulse Width, 10% Duty Cycle
Power Gain
Gps
18.5
19.7
22.0
dB
Drain Efficiency
ηD
58.0
62.0
%
Input Return Loss
IRL
--18
--9
dB
Typical Broadband Performance — 960--1215 MHz (In Freescale 960--1215 MHz Test Fixture, 50 ohm system) VDD =50 Vdc,
IDQ = 200 mA, Pout = 500 W Peak (50 W Avg.), f = 960--1215 MHz, Pulsed, 128 μsec Pulse Width, 10% Duty Cycle
Power Gain
Gps
18.5
dB
Drain Efficiency
ηD
57.0
%
1. Part internally matched both on input and output.


Similar Part No. - MRF6V12500HR3_10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6V12500HR3 FREESCALE-MRF6V12500HR3 Datasheet
426Kb / 10P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V12500HR3 FREESCALE-MRF6V12500HR3 Datasheet
969Kb / 15P
   RF Power Field Effect Transistors
MRF6V12500HR3 FREESCALE-MRF6V12500HR3 Datasheet
964Kb / 15P
   RF Power Field Effect Transis
More results

Similar Description - MRF6V12500HR3_10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com