Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMX-5F-QB Datasheet(PDF) 1 Page - QUARTZCOM the communications company

Part # SMX-5F-QB
Description  Low profile SMD Crystal Pin compatible to several plastic moulded Crystals
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

SMX-5F-QB Datasheet(HTML) 1 Page - QUARTZCOM the communications company

  SMX-5F-QB Datasheet HTML 1Page - QUARTZCOM the communications company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMX-5S
Miniature SMD Crystal
2002/95/EC RoHS compliant
03 May. 10
QuartzCom AG
QuartzCom Asia
QuartzCom USA
sales@quartzcom.com
sales-asia@quartzcom.com
sales-usa@quartzcom.com
www.quartzcom.com
Features
Applications: telecommunications, automotive, medical, avionics
Small package (3.2 x 2.5 x 0.6 mm)
Wide frequency range: 12 to 67 MHz
High shock and vibrational resistivity
Reflow soldering @ 260 °C
Parameter
Specification
Frequency range
12 ~ 67 MHz
fundamental
Mode of oscillation
AT-cut
Standard frequencies
12.0, 13.0, 14.746, 16.0, 24.0, 24.576, 25.0, 26.0, 27.0
28.636, 30.0, 32.0, 33.0, 33.333, 40.0, 44.0 & 48.0 MHz
Frequency tolerance
±10 ~ ±50 ppm
@ +25 °C
Frequency stability
±10 ~ ±50 ppm
vs. operating temperature range
Aging
±1 ppm
1
st year
Load capacitance
series or parallel resonance (CL = 8 ~ 32 pF)
Equivalent series resistance (ESR)
< 50
Ω
@ 16 MHz
< 20
Ω
@ 40 MHz
Drive level
10 ~ 100
μW
Operating temperature range
-20 ~ +70 °C
commercial application
-40 ~ +85 °C
industrial application
-40 ~ +125 °C
automotive & avionic application
Storage temperature range
-55 ~ +125 °C
Packaging unit
tape & reel
1’000 or 2’500 pieces
Customer specifications on request
Pin function
# 1
crystal connection
# 2
GND
# 3
crystal connection
# 4
GND
Example for soldering pattern
Do not design any conductive path between the pattern
Example for IR reflow soldering temperature


Similar Part No. - SMX-5F-QB

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
SMX-5F-QB QUARTZCOM-SMX-5F-QB Datasheet
120Kb / 1P
   Low profile SMD Crystal Pin compatible to several plastic moulded Crystals
More results

Similar Description - SMX-5F-QB

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
SMX-5F-QA QUARTZCOM-SMX-5F-QA Datasheet
120Kb / 1P
   Low profile SMD Crystal Pin compatible to several plastic moulded Crystals
logo
AEL Crystals Ltd
CM200 AEL-CM200 Datasheet
137Kb / 1P
   Plastic Moulded Watch Crystals
SXA-86SMX AEL-SXA-86SMX Datasheet
142Kb / 1P
   Plastic Moulded Crystal
logo
List of Unclassifed Man...
DTA32C1 ETC2-DTA32C1 Datasheet
45Kb / 1P
   4 Pin Plastic SMD Microprocessor Crystals
logo
Caliber Electronics Inc...
DTA32C1 CALIBER-DTA32C1 Datasheet
50Kb / 1P
   4 Pin Plastic SMD Microprocessor Crystals
logo
QUARTZCOM the communica...
SMX-206T QUARTZCOM-SMX-206T Datasheet
110Kb / 1P
   Plastic moulded SMD Watch Crystal Reflow soldering @ 260 째C
SMX-206L QUARTZCOM-SMX-206L Datasheet
112Kb / 1P
   Plastic moulded SMD Watch Crystal Reflow soldering @ 260 째C
logo
Dubilier
DXT49410.000A20XXXX DUBILIER-DXT49410.000A20XXXX Datasheet
72Kb / 1P
   CRYSTALS LOW PROFILE CRYSTAL HOLDER & SMT DXT494/49SM
logo
Abracon Corporation
ABS15 ABRACON-ABS15 Datasheet
617Kb / 1P
   LOW PROFILE, 32.768kHz CRYSTALS MOLDED PLASTIC SURFACE MOUNT
logo
ECS, Inc.
CSM-7SSX ECS-CSM-7SSX Datasheet
144Kb / 1P
   Low Profile SMD Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com