Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8568CVTANGGA Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC8568CVTANGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8568CVTANGGA Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC8568CVTANGGA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8568CVTANGGA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8568CVTANGGA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8568CVTANGGA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8568CVTANGGA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8568CVTANGGA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8568CVTANGGA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8568CVTANGGA Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8568CVTANGGA Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
11
Electrical Characteristics
2.1.2
Recommended Operating Conditions
Table 3 provides the recommended operating conditions for this device. Note that the values in Table 3 are
the recommended and tested operating conditions. Proper device operation outside these conditions is not
guaranteed.
Input voltage
DDR/DDR2 DRAM signals
MVIN
–0.3 to (GVDD + 0.3)
V
2, 5
DDR/DDR2 DRAM reference
MVREF
–0.3 to (GVDD + 0.3)
V
2, 5
Three-speed Ethernet signals
LVIN
TVIN
–0.3 to (LVDD + 0.3)
–0.3 to (TVDD + 0.3)
V4, 5
Local bus signals
BVIN
–0.3 to (BVDD + 0.3)
DUART, SYSCLK, system control and power
management, I2C, and JTAG signals
OVIN
–0.3 to (OVDD + 0.3)
V
5
PCI
OVIN
–0.3 to (OVDD + 0.3)
V
6
Storage temperature range
TSTG
–55 to 150
•C
C—
Notes:
1. Functional and tested operating conditions are given in Table 3. Absolute maximum ratings are stress ratings only, and
functional operation at the maximums is not guaranteed. Stresses beyond those listed may affect device reliability or cause
permanent damage to the device.
2. Caution: MVIN must not exceed GVDD by more than 0.3 V. This limit may be exceeded for a maximum of 20 ms during
power-on reset and power-down sequences.
3. Caution: OVIN must not exceed OVDD by more than 0.3 V. This limit may be exceeded for a maximum of 20 ms during
power-on reset and power-down sequences.
4. Caution: L/TVIN must not exceed L/TVDD by more than 0.3 V. This limit may be exceeded for a maximum of 20 ms during
power-on reset and power-down sequences.
5. (M,L,O)VIN and MVREF may overshoot/undershoot to a voltage and for a maximum duration as shown in Figure 2.
6. OVIN on the PCI interface may overshoot/undershoot according to the PCI Electrical Specification for 3.3-V operation, as
shown in Figure 2.
Table 3. Recommended Operating Conditions
Characteristic
Symbol
Recommended
Value
Unit Notes
Core supply voltage
VDD
1.1 V ± 55 mV
V
PLL supply voltage
AVDD_PLAT,
AVDD_CORE,
AVDD_CE,
AVDD_PCI,
AVDD_LBIU,
AVDD_SRDS
1.1 V ± 55 mV
V
Core power supply for SerDes transceiver
SCOREVDD
1.1 V ± 55 mV
V
Pad power supply for SerDes transceiver
XVDD
1.1 V ± 55 mV
V
DDR and DDR2 DRAM I/O voltage
GVDD
2.5 V ± 125 mV
1.8 V ± 90 mV
V—
Table 2. Absolute Maximum Ratings 1 (continued)
Characteristic
Symbol
Max Value
Unit Notes


Similar Part No. - MPC8568CVTANGGA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8560 FREESCALE-MPC8560 Datasheet
2Mb / 108P
   Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8560 NXP-MPC8560 Datasheet
1Mb / 108P
   Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
MPC8560CPX667JB NXP-MPC8560CPX667JB Datasheet
1Mb / 108P
   Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
MPC8560CPX667JC NXP-MPC8560CPX667JC Datasheet
1Mb / 108P
   Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
MPC8560CPX667LB NXP-MPC8560CPX667LB Datasheet
1Mb / 108P
   Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
More results

Similar Description - MPC8568CVTANGGA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8536E FREESCALE-MPC8536E Datasheet
1Mb / 128P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E_11 Datasheet
1Mb / 143P
   PowerQUICC III Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E Datasheet
1Mb / 126P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E Datasheet
1Mb / 144P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8533E FREESCALE-MPC8533E Datasheet
1Mb / 116P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8544E FREESCALE-MPC8544E Datasheet
1Mb / 120P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_11 Datasheet
1Mb / 126P
   PowerQUICC III Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8572EEC NXP-MPC8572EEC Datasheet
1Mb / 141P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 7, 03/2016
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E_11 Datasheet
1Mb / 112P
   MPC8533E PowerQUICC III Integrated Processor Hardware Specifications
MPC8572E FREESCALE-MPC8572E_11 Datasheet
1Mb / 138P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com