Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF7S19100NBR1 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MRF7S19100NBR1
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF7S19100NBR1 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MRF7S19100NBR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF7S19100NBR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF7S19100NBR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF7S19100NBR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF7S19100NBR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF7S19100NBR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF7S19100NBR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF7S19100NBR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF7S19100NBR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
RF Device Data
Freescale Semiconductor
MRF7S19100NR1 MRF7S19100NBR1
Figure 1. MRF7S19100NR1(NBR1) Test Circuit Schematic
Z8
0.319″ x 0.880″ Microstrip
Z9
0.390″ x 0.215″ Microstrip
Z10
0.627″ x 0.084″ Microstrip
Z11
0.743″ x 0.084″ Microstrip
Z12, Z13
1.326″ x 0.121″ Microstrip
PCB
Arlon CuClad 250GX-0300-55-22, 0.030, εr = 2.55
Z1
0.744″ x 0.084″ Microstrip
Z2
0.383″ x 0.084″ Microstrip
Z3
0.600″ x 0.230″ Microstrip
Z4
0.505″ x 0.800″ Microstrip
Z5
1.086″ x 0.080″ Microstrip
Z6
0.452″ x 0.080″ Microstrip
Z7
0.161″ x 0.880″ Microstrip
VBIAS
VSUPPLY
RF
OUTPUT
RF
INPUT
DUT
C1
C2
C3
C4
C5
C6
R1
Z1
Z2
Z3
C7
Z8
C8
Z10
Z7
R2
Z5
R3
Z4
Z11
Z12
Z13
VSUPPLY
C9
C10
C11
+
Z9
Z6
Table 6. MRF7S19100NR1(NBR1) Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1
10 μF, 35 V Tantalum Capacitor
T491D106K035AT
Kemet
C2, C5, C6, C10, C11
10 μF, 50 V Chip Capacitors
GRM55DR61H106KA88L
Murata
C3, C7
5.1 pF Chip Capacitors
ATC100B5R1BT500XT
ATC
C4, C9
8.2 pF Chip Capacitors
ATC100B8R2BT500XT
ATC
C8
10 pF Chip Capacitor
ATC100B100BT500XT
ATC
R1
1 KΩ, 1/4 W Chip Resistor
CRCW12061001FKEA
Vishay
R2
10 KΩ, 1/4 W Chip Resistor
CRCW12061002FKEA
Vishay
R3
10 Ω, 1/4 W Chip Resistor
CRCW120610R0FKEA
Vishay


Similar Part No. - MRF7S19100NBR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF7S19100NBR1 FREESCALE-MRF7S19100NBR1 Datasheet
533Kb / 15P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF7S19100NBR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com