Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF7S19100NBR1 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MRF7S19100NBR1
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF7S19100NBR1 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MRF7S19100NBR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF7S19100NBR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF7S19100NBR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF7S19100NBR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF7S19100NBR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF7S19100NBR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF7S19100NBR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF7S19100NBR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF7S19100NBR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MRF7S19100NR1 MRF7S19100NBR1
1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistors
N-Channel Enhancement-Mode Lateral MOSFETs
Designed for CDMA base station applications with frequencies from 1930 to
1990 MHz. Suitable for CDMA and multicarrier amplifier applications. To be
used in Class AB and Class C for PCN - PCS/cellular radio and WLL
applications.
• Typical Single-Carrier W-CDMA Performance: VDD = 28 Volts, IDQ =
1000 mA, Pout = 29 Watts Avg., Full Frequency Band, 3GPP Test Model 1,
64 DPCH with 50% Clipping, Channel Bandwidth = 3.84 MHz, Input Signal
PAR = 7.5 dB @ 0.01% Probability on CCDF.
Power Gain — 17.5 dB
Drain Efficiency — 30%
Device Output Signal PAR — 6.1 dB @ 0.01% Probability on CCDF
ACPR @ 5 MHz Offset — -38 dBc in 3.84 MHz Channel Bandwidth
• Capable of Handling 5:1 VSWR, @ 32 Vdc, 1960 MHz, 100 Watts CW
Peak Tuned Output Power
• Pout @ 1 dB Compression Point w 100 W CW
Features
• 100% PAR Tested for Guaranteed Output Power Capability
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• Internally Matched for Ease of Use
• Integrated ESD Protection
• Designed for Digital Predistortion Error Correction Systems
• 225°C Capable Plastic Package
• RoHS Compliant
• In Tape and Reel. R1 Suffix = 500 Units per 44 mm, 13 inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-0.5, +65
Vdc
Gate-Source Voltage
VGS
-0.5, +10
Vdc
Operating Voltage
VDD
32, +0
Vdc
Storage Temperature Range
Tstg
- 65 to +200
°C
Case Operating Temperature
TC
150
°C
Operating Junction Temperature (1,2)
TJ
225
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2,3)
Unit
Thermal Resistance, Junction to Case
Case Temperature 82°C, 100 W CW
Case Temperature 79°C, 29 W CW
RθJC
0.57
0.68
°C/W
1. Continuous use at maximum temperature will affect MTTF.
2. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access
MTTF calculators by product.
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes - AN1955.
Document Number: MRF7S19100N
Rev. 3, 12/2008
Freescale Semiconductor
Technical Data
MRF7S19100NR1
MRF7S19100NBR1
1930 -1990 MHz, 29 W AVG., 28 V
SINGLE W-CDMA
LATERAL N-CHANNEL
RF POWER MOSFETs
CASE 1486-03, STYLE 1
TO-270 WB-4
PLASTIC
MRF7S19100NR1
CASE 1484-04, STYLE 1
TO-272 WB-4
PLASTIC
MRF7S19100NBR1
© Freescale Semiconductor, Inc., 2006, 2008. All rights reserved.


Similar Part No. - MRF7S19100NBR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF7S19100NBR1 FREESCALE-MRF7S19100NBR1 Datasheet
533Kb / 15P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF7S19100NBR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com