Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF7S19170HR3 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MRF7S19170HR3
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF7S19170HR3 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MRF7S19170HR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF7S19170HR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF7S19170HR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF7S19170HR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF7S19170HR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF7S19170HR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF7S19170HR3 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF7S19170HR3 Datasheet HTML 12Page - Freescale Semiconductor, Inc MRF7S19170HR3 Datasheet HTML 13Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
RF Device Data
Freescale Semiconductor
MRF7S19170HR3 MRF7S19170HSR3
ALTERNATIVE PEAK TUNE LOAD PULL CHARACTERISTICS
36
P3dB = 53.97 dBm (249 W)
Pin, INPUT POWER (dBm)
VDD = 28 Vdc, IDQ = 1400 m, Pulsed CW
12
μsec(on), 10% Duty Cycle, f = 1960 MHz
56
54
52
37
39
38
41
40
44
42
Actual
Ideal
P1dB = 53.25 dBm
(211 W)
57
55
51
43
P6dB = 54.33 dBm (271 W)
NOTE: Measured in a Peak Tuned Load Pull Fixture
53
58
59
60
61
35
34
33
32
Test Impedances per Compression Level
Zsource
Ω
Zload
Ω
P3dB
2.34 - j9.24
0.79 - j2.94
Figure 17. Pulsed CW Output Power
versus Input Power
36
P3dB = 54.9 dBm (310 W)
Pin, INPUT POWER (dBm)
VDD = 32 Vdc, IDQ = 1400 mA, Pulsed CW
12
μsec(on), 10% Duty Cycle, f = 1960 MHz
56
54
52
37
41
40
44
42
Actual
Ideal
P1dB = 54.14 dBm
(259 W)
57
55
43
P6dB = 55.27 dBm (336 W)
NOTE: Measured in a Peak Tuned Load Pull Fixture
53
58
59
60
61
62
35
34
33
45
38
39
Test Impedances per Compression Level
Zsource
Ω
Zload
Ω
P3dB
2.34 - j9.24
0.79 - j2.94
Figure 18. Pulsed CW Output Power
versus Input Power


Similar Part No. - MRF7S19170HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF7S19170HR3 FREESCALE-MRF7S19170HR3 Datasheet
406Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF7S19170HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com