Electronic Components Datasheet Search |
|
V626ME16-LF Datasheet(PDF) 1 Page - Z-Communications, Inc |
|
V626ME16-LF Datasheet(HTML) 1 Page - Z-Communications, Inc |
1 / 2 page LFSuffix = RoHS Compliant. All specifications are subject to change without notice. © Z-Communications, Inc. All Rights Reserved. Page 1 of 2 FRM-S-002 B PHASE NOISE (1 Hz BW, typical) OFFSET (Hz) Performance Specifications Typ Units Min Max 36 -105 -25 2 2 50 50 Oscillation Frequency Range Phase Noise @ 10 kHz offset (1 Hz BW) Harmonic Suppression (2nd) Tuning Voltage Tuning Sensitivity (avg.) Power Output Load Impedance Input Capacitance Pushing Pulling ( dB Return Loss, Any Phase) Operating Temperature Range MHz dBc/Hz dBc Vdc MHz/V dBm pF MHz/V MHz °C 1970 2130 14 0.5 11 Package Style 05 85 -40 2.5 Power Supply Requirements Typ Units Min Max 5 19 Vdc mA Supply Voltage (Vcc, nom.) Supply Current (Icc) 23 Digital Radios Earthstations Satellite Modems • • • Applications Voltage-Controlled Oscillator Surface Mount Module V626ME16-LF A1 Rev Additional Notes Application Notes • AN-101: Mounting and Grounding • AN-102: Output Loading • AN-107: Manual Soldering 14118 Stowe Drive, Suite B | Poway, CA 92064 TEL: (858) 621-2700 | FAX: (858) 486-1927 URL: www.zcomm.com EMAIL: applications@zcomm.com MINI-16-L |
Similar Part No. - V626ME16-LF |
|
Similar Description - V626ME16-LF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |