Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF8P9300HSR6 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MRF8P9300HSR6
Description  RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF8P9300HSR6 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MRF8P9300HSR6 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF8P9300HSR6 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF8P9300HSR6 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF8P9300HSR6 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF8P9300HSR6 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF8P9300HSR6 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF8P9300HSR6 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF8P9300HSR6 Datasheet HTML 12Page - Freescale Semiconductor, Inc MRF8P9300HSR6 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MRF8P9300HR6 MRF8P9300HSR6
9
RF Device Data
Freescale Semiconductor
ALTERNATIVE PEAK TUNE LOAD PULL CHARACTERISTICS
36
Pin, INPUT POWER (dBm)
VDD =28 Vdc, IDQ = 1200 mA, Pulsed CW, 10 μsec(on), 10% Duty Cycle
54
52
50
37
55
53
47
NOTE: Load Pull Test Fixture Tuned for Peak P1dB Output Power @ 28 V
51
56
58
35
34
33
27
38
32
31
57
49
48
30
f = 940 MHz
f = 960 MHz
f = 920 MHz
Ideal
Actual
29
28
f
(MHz)
P1dB
Watts
dBm
920
229
53.6
940
214
53.3
960
219
53.4
Test Impedances per Compression Level
f
(MHz)
Zsource
Zload
920
P1dB
1.58 -- j2.40
0.84 -- j1.69
940
P1dB
1.77 -- j3.02
0.76 -- j1.90
960
P1dB
1.98 -- j3.46
0.75 -- j1.51
Figure 12. Pulsed CW Output Power
versus Input Power @ 28 V
NOTE: Measurement made on a per side basis.


Similar Part No. - MRF8P9300HSR6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF8P9300HSR6 FREESCALE-MRF8P9300HSR6 Datasheet
375Kb / 15P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF8P9300HSR6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com