Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF8S9100HR3 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MRF8S9100HR3
Description  RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF8S9100HR3 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MRF8S9100HR3_10 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF8S9100HR3_10 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF8S9100HR3_10 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF8S9100HR3_10 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF8S9100HR3_10 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF8S9100HR3_10 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF8S9100HR3_10 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF8S9100HR3_10 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF8S9100HR3_10 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MRF8S9100HR3 MRF8S9100HSR3
7
RF Device Data
Freescale Semiconductor
GSM TEST SIGNAL
Figure 11. EDGE Spectrum
--10
--20
--30
--40
--50
--60
--70
--80
--90
--100
200 kHz
Span 2 MHz
Center 1.96 GHz
--110
400 kHz
600 kHz
400 kHz
600 kHz
Reference Power
VWB = 30 kHz
Sweep Time = 70 ms
RBW = 30 kHz
VDD =28 Vdc,IDQ = 500 mA, Pout =72 W Avg.
f
MHz
Zsource
Zload
820
3.81 -- j1.72
1.61 -- j0.48
840
3.99 -- j1.80
1.62 -- j0.34
860
4.13 -- j1.97
1.62 -- j0.21
880
4.20 -- j2.22
1.63 -- j0.09
900
4.14 -- j2.49
1.62 + j0.02
920
3.96 -- j2.74
1.60 + j0.12
940
3.67 -- j2.95
1.57 + j0.22
960
3.31 -- j3.07
1.53 + j0.32
980
2.91 -- j3.09
1.47 + j0.42
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured from
drain to ground.
Figure 12. Series Equivalent Source and Load Impedance
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network


Similar Part No. - MRF8S9100HR3_10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF8S9100HR3 FREESCALE-MRF8S9100HR3 Datasheet
300Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF8S9100HR3_10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com