Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX5-254HP Datasheet(PDF) 1 Page - QUARTZCOM the communications company

Part # TX5-254HP
Description  Through hole TCXO HCMOS Tight frequency stability vs. temperature
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

TX5-254HP Datasheet(HTML) 1 Page - QUARTZCOM the communications company

  TX5-254HP Datasheet HTML 1Page - QUARTZCOM the communications company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TX5-254HP & TX5-256HP
Through hole TCXO
HCMOS
2002/95/EC RoHS compliant
30 Apr. 10
QuartzCom AG
QuartzCom Asia
QuartzCom USA
sales@quartzcom.com
sales-asia@quartzcom.com
sales-usa@quartzcom.com
www.quartzcom.com
Features
Applications: mobile communications, instrumentation, broadcast
Frequency range up to 200 MHz
Tight frequency stability vs. temperature
Low phase noise
Specification
Parameter
TX5-254HP3 & TX5-256HP3
TX5-254HP5 & TX5-256HP5
Frequency range
1 ~ 200 MHz
Standard frequencies
10.00, 12.80, 13.00, 16.384, 18.00, 20.00, 26.00, 27.00 & 40.00 MHz
Frequency stability:
vs. temperature
≤ ±0.5 ~ ±2.5 ppm
vs. supply & load change
≤ ±0.2 ppm
±5 %
vs. aging
≤ ±1.0 ppm
1
st year
Frequency tolerance ex. factory
≤ ±0.5 ppm
@ +25 °C
Supply voltage
+3.3 V
±5 %
+5.0 V
±5 %
Supply current
10 ~ 40 mA
Output signal
HCMOS
Output load
15 pF
Frequency adjustment
> ± 5ppm
with internal trimmer
Phase noise @ 40 MHz carrier frequency
-140 dBc/Hz
@
1 kHz
Operating temperature range
-20 ~ +70 °C
commercial application
-40 ~ +85 °C
industrial application
Storage temperature range
-55 ~ +125 °C
Packaging units
tape & reel
500 pieces
tray
50 pieces
Customer specifications on request
TX5-254HP
Without Case pin
more common
Pin function
# 1 not connected
# 7 GND
# 8 Output
#14 Vdc
TX5-256HP
With Case pin
Do not design any conductive path between the pattern


Similar Part No. - TX5-254HP

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
TX5-254HL QUARTZCOM-TX5-254HL Datasheet
202Kb / 1P
   SMD TCXO HCMOS Tight frequency stability vs. temperature
TX5-254HL3 QUARTZCOM-TX5-254HL3 Datasheet
202Kb / 1P
   SMD TCXO HCMOS Tight frequency stability vs. temperature
TX5-254HL5 QUARTZCOM-TX5-254HL5 Datasheet
202Kb / 1P
   SMD TCXO HCMOS Tight frequency stability vs. temperature
More results

Similar Description - TX5-254HP

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
TXU-105H QUARTZCOM-TXU-105H Datasheet
111Kb / 1P
   Through hole TCXO HCMOS Tight frequency stability vs. temperature
VT5-254HP QUARTZCOM-VT5-254HP Datasheet
97Kb / 1P
   Through hole VC-TCXO HCMOS Tight frequency stability vs temperature
TX5-256HL QUARTZCOM-TX5-256HL Datasheet
191Kb / 1P
   SMD TCXO HCMOS Tight frequency stability vs. temperature
TX5-254HL QUARTZCOM-TX5-254HL Datasheet
202Kb / 1P
   SMD TCXO HCMOS Tight frequency stability vs. temperature
TX3-801HT QUARTZCOM-TX3-801HT Datasheet
116Kb / 1P
   SMD TCXO HCMOS Tight frequency stability vs. temperature
VTE-205H QUARTZCOM-VTE-205H Datasheet
90Kb / 1P
   Through hole VC-TCXO HCMOS / TTL compatible Tight frequency stability vs. temperature
VT3-801HTF QUARTZCOM-VT3-801HTF Datasheet
125Kb / 1P
   SMD VC-TCXO HCMOS Tight frequency stability vs. temperature
TX5-254SP QUARTZCOM-TX5-254SP Datasheet
306Kb / 1P
   Through hole TCXO Sine wave Tight frequency stability vs. temperature
TXE-205S QUARTZCOM-TXE-205S Datasheet
174Kb / 1P
   Through hole TCXO Sine wave Tight frequency stability vs. temperature
TX5-254AP QUARTZCOM-TX5-254AP Datasheet
306Kb / 1P
   Through hole TCXO Clipped sine wave Tight frequency stability vs. temperature
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com