Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRFG35005ANT1 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MRFG35005ANT1
Description  Gallium Arsenide PHEMT RF Power Field Effect Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRFG35005ANT1 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MRFG35005ANT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRFG35005ANT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRFG35005ANT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRFG35005ANT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRFG35005ANT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRFG35005ANT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRFG35005ANT1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRFG35005ANT1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRFG35005ANT1 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
RF Device Data
Freescale Semiconductor
MRFG35005ANT1
Zo = 50 Ω
Zload
Zsource
f = 3550 MHz
f = 3550 MHz
VDD = 12 Vdc, IDQ = 80 mA, Pout = 450 mW Avg.
f
MHz
Zsource
W
Zload
W
3550
5.6 - j31.2
8.3 - j14.8
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured
from drain to ground.
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
Figure 10. Series Equivalent Source and Load Impedance


Similar Part No. - MRFG35005ANT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFG35005MT1 FREESCALE-MRFG35005MT1 Datasheet
125Kb / 12P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35005MT1 FREESCALE-MRFG35005MT1 Datasheet
132Kb / 12P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35005MT1 FREESCALE-MRFG35005MT1_06 Datasheet
132Kb / 12P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35005NT1 FREESCALE-MRFG35005NT1 Datasheet
125Kb / 12P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
More results

Similar Description - MRFG35005ANT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFG35010MT1 FREESCALE-MRFG35010MT1 Datasheet
516Kb / 12P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
logo
NXP Semiconductors
MRFG35010A NXP-MRFG35010A Datasheet
490Kb / 18P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
Rev. 2, 12/2008
logo
Freescale Semiconductor...
MRFG35003N6AT1 FREESCALE-MRFG35003N6AT1 Datasheet
221Kb / 11P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
logo
NXP Semiconductors
MRFG35010AN NXP-MRFG35010AN Datasheet
1Mb / 25P
   Gallium Arsenide pHEMT RF Power Field Effect Transistor
Rev. 4, 8/2013
logo
Freescale Semiconductor...
MRFG35003M6T1 FREESCALE-MRFG35003M6T1_06 Datasheet
132Kb / 12P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35003ANT1 FREESCALE-MRFG35003ANT1 Datasheet
473Kb / 18P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35005MT1 FREESCALE-MRFG35005MT1_06 Datasheet
132Kb / 12P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35002N6AT1 FREESCALE-MRFG35002N6AT1 Datasheet
187Kb / 11P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35010NT1 FREESCALE-MRFG35010NT1 Datasheet
173Kb / 10P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35010R1 FREESCALE-MRFG35010R1 Datasheet
373Kb / 11P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com