Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MW6S010NR1 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MW6S010NR1
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MW6S010NR1 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MW6S010NR1_09 Datasheet HTML 4Page - Freescale Semiconductor, Inc MW6S010NR1_09 Datasheet HTML 5Page - Freescale Semiconductor, Inc MW6S010NR1_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc MW6S010NR1_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc MW6S010NR1_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc MW6S010NR1_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc MW6S010NR1_09 Datasheet HTML 10Page - Freescale Semiconductor, Inc MW6S010NR1_09 Datasheet HTML 11Page - Freescale Semiconductor, Inc MW6S010NR1_09 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
RF Device Data
Freescale Semiconductor
MW6S010NR1 MW6S010GNR1
f
MHz
Zsource
Ω
Zload
Ω
800
820
840
3.1 + j1.9
2.7 + j2.2
2.8 + j1.7
10.1 + j2.3
8.3 + j2.5
8.2 + j3.3
VDD = 28 Vdc, IDQ = 125 mA, Pout = 10 W PEP
860
880
900
3.1 + j3.4
2.9 + j3.7
3.3 + j3.8
9.8 + j4.8
10.6 + j5.6
9.5 + j5.5
920
940
960
2.8 + j4.4
3.2 + j4.9
3.0 + j4.7
10.1 + j5.9
11.0 + j6.4
11.8 + j6.6
980
3.6 + j5.2
12.1 + j7.1
Figure 13. Series Equivalent Source and Load Impedance — 900 MHz
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured
from drain to ground.
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
f = 800 MHz
f = 980 MHz
Zo = 25 Ω
f = 800 MHz
f = 980 MHz
Zload
Zsource


Similar Part No. - MW6S010NR1_09

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MW6S010NR1 FREESCALE-MW6S010NR1 Datasheet
542Kb / 16P
   RF Power Field Effect Transistor
MW6S010NR1 FREESCALE-MW6S010NR1 Datasheet
726Kb / 20P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
MW6S010NR1 NXP-MW6S010NR1 Datasheet
802Kb / 20P
   RF Power Field Effect Transistors
Rev. 5, 6/2009
More results

Similar Description - MW6S010NR1_09

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com