Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MW7IC930NR1 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MW7IC930NR1
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MW7IC930NR1 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MW7IC930NR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MW7IC930NR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MW7IC930NR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MW7IC930NR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MW7IC930NR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MW7IC930NR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MW7IC930NR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MW7IC930NR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MW7IC930NR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
RF Device Data
Freescale Semiconductor
MW7IC930NR1 MW7IC930GNR1 MW7IC930NBR1
Table 5. Electrical Characteristics (TA =25°C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Typical Performance — 900 MHz (In Freescale 900 MHz Application Test Fixture, 50 ohm system) VDD =28 Vdc, IDQ1 = 106 mA, IDQ2 =
285 mA, 920--960 MHz Bandwidth
VDD =28 Vdc, IDQ1 =40 mA, IDQ2 = 340 mA
Pout @ 1 dB Compression Point, CW
P1dB
31
W
IMD Symmetry @ 25 W PEP, Pout where IMD Third Order
Intermodulation 30 dBc
(Delta IMD Third Order Intermodulation between Upper and Lower
Sidebands > 2 dB)
IMDsym
45
MHz
VBW Resonance Point
(IMD Third Order Intermodulation Inflection Point)
VBWres
80
MHz
Quiescent Current Accuracy over Temperature (1)
with3kΩ Gate Feed Resistors (--30 to 85°C)
∆IQT
0.02
%
Gain Flatness in 40 MHz Bandwidth @ Pout =3.2 W Avg.
GF
0.2
dB
Gain Variation over Temperature
(--30°Cto+85°C)
∆G
0.036
dB/°C
Output Power Variation over Temperature
(--30°Cto+85°C)
∆P1dB
0.01
dBm/°C
Typical W--CDMA Broadband Performance — 700 MHz (In Freescale 700 MHz Application Test Fixture, 50 ohm system) VDD =28 Vdc,
IDQ1 = 106 mA, IDQ2 = 285 mA, Pout = 3.2 W Avg., Single--Carrier W--CDMA, IQ Magnitude Clipping, Input Signal PAR = 7.5 dB @ 0.01%
Probability on CCDF. ACPR measured in 3.84 MHz Channel Bandwidth @ ±5MHz Offset.
Frequency
Gps (dB)
PAE (%)
ACPR (dBc)
IRL (dB)
728 MHz
36.4
16.1
--47.7
--17.9
748 MHz
36.4
16.1
--47.8
--20.7
768 MHz
36.4
16.0
--47.9
--21.8
1. Refer to AN1977, Quiescent Current Thermal Tracking Circuit in the RF Integrated Circuit Family and to AN1987, Quiescent Current Control
for the RF Integrated Circuit Device Family. Go to http://www.freescale.com/rf. Select Documentation/Application Notes -- AN1977 or
AN1987.


Similar Part No. - MW7IC930NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MW7IC930NR1 FREESCALE-MW7IC930NR1 Datasheet
675Kb / 22P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MW7IC930NR1 NXP-MW7IC930NR1 Datasheet
1Mb / 22P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 1, 10/2010
More results

Similar Description - MW7IC930NR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com