Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MW7IC3825NR1 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MW7IC3825NR1
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MW7IC3825NR1 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MW7IC3825NR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MW7IC3825NR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MW7IC3825NR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MW7IC3825NR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MW7IC3825NR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MW7IC3825NR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MW7IC3825NR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MW7IC3825NR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MW7IC3825NR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
RF Device Data
Freescale Semiconductor
MW7IC3825NR1 MW7IC3825GNR1 MW7IC3825NBR1
Table 5. Electrical Characteristics (TA =25°C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Typical Performances (In Freescale Test Fixture, 50 ohm system) VDD =28 Vdc, IDQ1 = 130 mA, IDQ2 = 230 mA, 3400--3600 MHz Bandwidth
Pout @ 1 dB Compression Point, CW
P1dB
30
W
IMD Symmetry @ 2 W PEP, Pout where IMD Third Order
Intermodulation 30 dBc
(Delta IMD Third Order Intermodulation between Upper and Lower
Sidebands > 2 dB)
IMDsym
83
MHz
VBW Resonance Point
(IMD Third Order Intermodulation Inflection Point)
VBWres
90
MHz
Gain Flatness in 200 MHz Bandwidth @ Pout =5 W Avg.
GF
0.7
dB
Average Deviation from Linear Phase in 200 MHz Bandwidth
@Pout =25 W CW
Φ
3.15
°
Average Group Delay @ Pout = 25 W CW, f = 3500 MHz
Delay
3.21
ns
Part--to--Part Insertion Phase Variation @ Pout =25 W CW,
f = 3500 MHz, Six Sigma Window
∆Φ
13.88
°
Gain Variation over Temperature
(--30°Cto+85°C)
∆G
0.046
dB/°C
Output Power Variation over Temperature
(--30°Cto+85°C)
∆P1dB
0.015
dB/°C
Typical Driver Performances (In Freescale Test Fixture, 50 ohm system) VDD =28 Vdc, IDQ1 = 190 mA, IDQ2 = 230 mA, Pout = 0.5 W Avg.,
f = 3400 MHz and f = 3600 MHz, WiMAX, OFDM 802.16d, 64 QAM 3/4, 4 Bursts, 10 MHz Channel Bandwidth, Input Signal PAR = 9.5 dB @
0.01% Probability on CCDF. ACPR measured in 1 MHz Channel Bandwidth @ ±8.5 MHz Offset.
Power Gain
Gps
23.5
dB
Power Added Efficiency
PAE
3.5
%
Output Peak--to--Average Ratio @ 0.01% Probability on CCDF
PAR
9.2
dB
Adjacent Channel Power Ratio
ACPR
--55
dBc
Input Return Loss
IRL
--12
dB


Similar Part No. - MW7IC3825NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MW7IC3825NR1 NXP-MW7IC3825NR1 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 1, 11/2010
More results

Similar Description - MW7IC3825NR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com