Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7221 Datasheet(PDF) 5 Page - ADTech

Part # ADT7221
Description  power supply chip with 5V regulated output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT7221 Datasheet(HTML) 5 Page - ADTech

  ADT7221 Datasheet HTML 1Page - ADTech ADT7221 Datasheet HTML 2Page - ADTech ADT7221 Datasheet HTML 3Page - ADTech ADT7221 Datasheet HTML 4Page - ADTech ADT7221 Datasheet HTML 5Page - ADTech ADT7221 Datasheet HTML 6Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Jun. 16. 2008 / Rev. 0.1
5/6
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT7221
Typical Performance Characteristics
VIN vs. Efficiency (Io=300mA)
70
75
80
85
90
6
8
10
12
14
16
VIN (V)
Io vs. Efficiency (VIN=12V)
72
74
76
78
80
0
100
200
300
400
Io (mA)
Temp vs. Vout (VIN=12V / Io=300mA)
4.8
4.9
5.0
5.1
5.2
0
20
40
60
80
100
Temp (℃)
Temp vs. Frequency (VIN=12V / Io=300mA)
500
510
520
530
540
550
0
204060
80
100
Temp (℃)


Similar Part No. - ADT7221

ManufacturerPart #DatasheetDescription
logo
ADTech
ADT7220 ADTECH-ADT7220 Datasheet
117Kb / 6P
   power supply chip with 3.3V regulated output
More results

Similar Description - ADT7221

ManufacturerPart #DatasheetDescription
logo
ADTech
ADT7220 ADTECH-ADT7220 Datasheet
117Kb / 6P
   power supply chip with 3.3V regulated output
logo
Jingjing Microelectroni...
EG358 EGMICRO-EG358 Datasheet
926Kb / 13P
   Three-regulated power supply regulation chip
EG78L05 EGMICRO-EG78L05 Datasheet
486Kb / 10P
   Three-regulated power supply regulation chip
logo
Maxim Integrated Produc...
MAX682 MAXIM-MAX682 Datasheet
154Kb / 12P
   3.3V-Input to Regulated 5V-Output Charge Pumps
Rev 1; 8/98
logo
Schneider Electric
ABLM1A05036 SCHNEIDER-ABLM1A05036 Datasheet
335Kb / 11P
   Regulated Power Supply, 100-240V AC, 5V 3.6 A, single phase, Modular
Mar 23, 2022
logo
Sanyo Semicon Device
LA5160AM SANYO-LA5160AM Datasheet
202Kb / 6P
   5V/0.1A Constant-voltage Power Supply IC with Output ON/OFF Feature
logo
Maxim Integrated Produc...
MAX17525EVKIT MAXIM-MAX17525EVKIT Datasheet
2Mb / 12P
   5V DC power supply
Rev 0; 9/16
logo
NXP Semiconductors
NE564 PHILIPS-NE564 Datasheet
150Kb / 9P
   Operation with single 5V supply
1994 Aug 31
logo
Micross Components
AS8SF384K32 MICROSS-AS8SF384K32 Datasheet
185Kb / 14P
   Operation with single 5V supply
logo
Sanyo Semicon Device
L78MS05J SANYO-L78MS05J_06 Datasheet
347Kb / 7P
   5V Constant-Voltage Power Supply with Strobe Line
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com