Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX6SWT-A1-0000-000DE5 Datasheet(PDF) 4 Page - Cree, Inc

Part # MX6SWT-A1-0000-000DE5
Description  Cree XLamp MX-6S LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MX6SWT-A1-0000-000DE5 Datasheet(HTML) 4 Page - Cree, Inc

  MX6SWT-A1-0000-000DE5 Datasheet HTML 1Page - Cree, Inc MX6SWT-A1-0000-000DE5 Datasheet HTML 2Page - Cree, Inc MX6SWT-A1-0000-000DE5 Datasheet HTML 3Page - Cree, Inc MX6SWT-A1-0000-000DE5 Datasheet HTML 4Page - Cree, Inc MX6SWT-A1-0000-000DE5 Datasheet HTML 5Page - Cree, Inc MX6SWT-A1-0000-000DE5 Datasheet HTML 6Page - Cree, Inc MX6SWT-A1-0000-000DE5 Datasheet HTML 7Page - Cree, Inc MX6SWT-A1-0000-000DE5 Datasheet HTML 8Page - Cree, Inc MX6SWT-A1-0000-000DE5 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
4
CLD-DS31 Rev 1
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Electrical Characteristics (T
J = 25°C)
Relative Flux vs. Current (T
J = 25°C)
Electrical Characteristics (Tj = 25ºC)
0
25
50
75
100
125
150
175
15.00
16.00
17.00
18.00
19.00
20.00
21.00
22.00
23.00
24.00
Forward Voltage (V)
Relative Intensity vs. Current (Tj = 25ºC)
0
50
100
150
200
250
0
25
50
75
100
125
150
175
Forward Current (mA)


Similar Part No. - MX6SWT-A1-0000-000DE5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MX6SWT-A1-0000-000DE5 CREE-MX6SWT-A1-0000-000DE5 Datasheet
1,017Kb / 24P
   XLamp MX Family LEDs
MX6SWT-A1-0000-000DE5 CREE-MX6SWT-A1-0000-000DE5 Datasheet
1Mb / 12P
   XLamp MX-6S LEDs
More results

Similar Description - MX6SWT-A1-0000-000DE5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MX-6S CREE-MX-6S Datasheet
1Mb / 12P
   XLamp MX-6S LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
MX-3S CREE-MX-3S Datasheet
1Mb / 11P
   XLamp MX-3S LEDs
MX-6 CREE-MX-6 Datasheet
1Mb / 12P
   XLamp MX-6 LEDs
MX3AWT-A1-0000-000ADZ CREE-MX3AWT-A1-0000-000ADZ Datasheet
1,017Kb / 24P
   XLamp MX Family LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com