Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

183882-02 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # 183882-02
Description  4-Channel Monochrome Image Acquisition
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

183882-02 Datasheet(HTML) 3 Page - National Instruments Corporation

  183882-02 Datasheet HTML 1Page - National Instruments Corporation 183882-02 Datasheet HTML 2Page - National Instruments Corporation 183882-02 Datasheet HTML 3Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
4-Channel Monochrome Image Acquisition
593
National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
BNC Connector
The BNC connector supplies an immediate connection to the
VIDEO0 input of the NI 1409. Use the 2 m BNC cable shipped
with the NI 1409 to connect a camera to VIDEO0. You can
configure the BNC connector only for RSE mode.
NI 1409 Cable Accessories
The IMAQ-A6822 cable provides 22 BNC connectors to all video
signals (VIDEO0, VIDEO1, VIDEO2, and VIDEO3), the external
digital I/O lines and triggers, and external signals. The IMAQ
A6804 provides four bus connectors to three video signals and
one trigger line. The IMAQ SCB-68 provides access to all of the
signals on the NI 1409 68-pin connector.
Warranty and Support Services
As a complement to your image acquisition product, consider:
• Technical Support: FREE through Applications Engineers
worldwide, Web resources, and Premier Support –
ni.com/support
Ordering Information
NI PCI-1409 ..........................................................778200-01
NI PXI-1409 ..........................................................778336-01
Includes the NI 1409 hardware, NI-IMAQ software
and a 2 m NI-BNC-1 cable.
Cables
IMAQ-A6822 (1 m) ..............................................778135-01
IMAQ-A6804 ........................................................187805-01
IMAQ-BNC-1 (2 m) ..............................................183882-02
IMAQ-SCB 68 ......................................................778410-01
RTSI Bus Cables
2 boards................................................................776249-02
3 boards................................................................776249-03
4 boards................................................................776249-04
5 boards................................................................776249-05
Specifications
Typical for 25 °C unless otherwise stated
Available Formats
RS-170/NTSC ............................................. 30 frames/s interlaced
CCIR-601/PAL ............................................ 25 frames/s interlaced
Progressive scan........................................ 60 frames/s noninterlaced maximum
Variable scan .............................................. 2 to 40 MHz pixel clock
Video Input
Quantity ..................................................... 4 monochrome
Video 0 ....................................................... Single-ended (BNC)
Video (0:3) .................................................. Single-ended or differential (D-Sub)
Input impedance ........................................ 75 Ω ±1%
Bandwidth.................................................. Typical 30 MHz (-3 dB)
Input range (black and white) .................... 700 MV (calibrated) or
50mV to 1.4V (variable gain)
Antichrominance filter................................ Programmable
3.58 MHz notch filter (<-25 dB)
4.43 MHz notch filter (<-25 dB)
A/D Conversion
Gray levels ................................................. 256 (8 bits) or 1,024 (10 bits)
DNL............................................................ ±1 LSB maximum
RMS noise ................................................. < 0.5 LSB rms
SNR............................................................ Typical 56 dB
Sampling rate ............................................. 2 to 40 MHz
External Synchronization and Trigger Signals
Trigger lines................................................ 4
Trigger sense ............................................. TTL
Trigger polarity ........................................... Programmable (rising or falling)
PCLKIN sense ............................................ Selectable (TTL or RS-422)
PCLKIN polarity .......................................... Programmable (direct or invert)
HSYNCIN sense......................................... Selectable (TTL or RS-422)
HSYNCIN polarity....................................... Programmable (rising or falling)
VSYNCIN sense ......................................... Selectable (TTL or RS-422)
VSYNCIN polarity ....................................... Programmable (rising or falling)
CSYNCIN sense ......................................... Selectable (TTL or RS-422)CSYNCIN
level programmable (rising or falling)
Pulse width ................................................ 20 ns minimum detectable
VIH (TTL) .................................................... 2 V
VIL (TTL)..................................................... 0.8 V
Pixel Clock
Internally generated
Frequency range.................................... 11.0 to 25.8 MHz
Adjustable pixel aspect ratio
RS-170/NTSC ......................................... ±5%
CCIR/PAL ............................................... ±5%
Pixel jitter ................................................... <2 ns
Lock time ................................................... <1 frame
External PCLK frequency range ................. 2 to 40 MHz
Power Requirements
+5 VDC (±5%) ........................................... 1.25 A
+12 VDC (±5%) ......................................... <100 mA
–12 VDC (±5%).......................................... <100 mA
Physical
Dimensions
PCI ......................................................... 10.7 by 17.5 cm (4.2 by 6.9 in.)
PXI.......................................................... 10 by 16 cm (3.9 by 6.3 in.)
Environment
Operating temperature .............................. 0 to 55 ˚C
Storage temperature.................................. -20 to 70 ˚C
Relative humidity ....................................... 5 to 90%, noncondensing
591-593 4 Channel Mono
10/28/08
1:35 PM
Page 593


Similar Part No. - 183882-02

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
18388 VICOR-18388 Datasheet
148Kb / 4P
   16. Through-hole Socket Mount System (InMate)
More results

Similar Description - 183882-02

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI1411 NI-NI1411 Datasheet
89Kb / 2P
   Single-Channel Color or Monochrome Image Acquisition
PCI-1405 NI-PCI-1405 Datasheet
277Kb / 3P
   Low-Cost Single-Channel Color or Monochrome Image Acquisition
logo
Agilent(Hewlett-Packard...
ADCS-1121 HP-ADCS-1121 Datasheet
92Kb / 2P
   CMOS Monochrome Image Sensors
logo
Rohm
IA2008-MB20A ROHM-IA2008-MB20A Datasheet
41Kb / 4P
   MONOCHROME IMAGE SENSOR HEAD
logo
National Instruments Co...
NIPCIE-1430 NI-NIPCIE-1430 Datasheet
145Kb / 4P
   Dual-Channel Camera Link Image Acquisition
logo
Rohm
IA2008-MB82A ROHM-IA2008-MB82A Datasheet
56Kb / 4P
   Monochrome image sensor heads for FAX
logo
National Instruments Co...
NI1428 NI-NI1428 Datasheet
55Kb / 3P
   Camera Link Image Acquisition
777662-01 NI-777662-01 Datasheet
1Mb / 6P
   Digital Camera Image Acquisition
logo
Rohm
IA2008-MB90A ROHM-IA2008-MB90A Datasheet
53Kb / 4P
   Monochrome image sensor heads for FAX
logo
STMicroelectronics
VV5430 STMICROELECTRONICS-VV5430 Datasheet
289Kb / 33P
   Monochrome Analog Output CMOS Image Sensors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com