Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N28M Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # 4N28M
Description  General Purpose 6-Pin Phototransistor Optocouplers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N28M Datasheet(HTML) 7 Page - Fairchild Semiconductor

  4N28M Datasheet HTML 1Page - Fairchild Semiconductor 4N28M Datasheet HTML 2Page - Fairchild Semiconductor 4N28M Datasheet HTML 3Page - Fairchild Semiconductor 4N28M Datasheet HTML 4Page - Fairchild Semiconductor 4N28M Datasheet HTML 5Page - Fairchild Semiconductor 4N28M Datasheet HTML 6Page - Fairchild Semiconductor 4N28M Datasheet HTML 7Page - Fairchild Semiconductor 4N28M Datasheet HTML 8Page - Fairchild Semiconductor 4N28M Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
4NXXM, H11AXM Rev. 1.0.2
7
Ordering Information
Marking Information
Option
Order Entry Identifier
(Example)
Description
No option
4N25M
Standard Through Hole Device
S
4N25SM
Surface Mount Lead Bend
SR2
4N25SR2M
Surface Mount; Tape and Reel
T
4N25TM
0.4" Lead Spacing
V
4N25VM
VDE 0884
TV
4N25TVM
VDE 0884, 0.4" Lead Spacing
SV
4N25SVM
VDE 0884, Surface Mount
SR2V
4N25SR2VM
VDE 0884, Surface Mount, Tape and Reel
*Note – Parts that do not have the ‘V’ option (see definition 3 above) that are
marked with date code ‘325’ or earlier are marked in portrait format.
Definitions
1Fairchild logo
2Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4
One digit year code, e.g., ‘7’
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code
4N25
V
X YY Q
1
2
6
4
3
5


Similar Part No. - 4N28M

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
4N28M LITEON-4N28M Datasheet
757Kb / 5P
   GENERAL PURPOSE TYPE PHOTOCOUPLER
logo
Fairchild Semiconductor
4N28M FAIRCHILD-4N28M Datasheet
135Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N28M FAIRCHILD-4N28M Datasheet
277Kb / 10P
   General Purpose 6-Pin Phototransistor Optocouplers
4N28M FAIRCHILD-4N28M Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N28M FAIRCHILD-4N28M Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
More results

Similar Description - 4N28M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Rohm
4N26-M ROHM-4N26-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
4N27SM FAIRCHILD-4N27SM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SVM FAIRCHILD-4N35SVM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SR2M FAIRCHILD-4N35SR2M Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL117M FAIRCHILD-TIL117M_09 Datasheet
273Kb / 11P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1VM FAIRCHILD-H11A1VM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N37TVM FAIRCHILD-4N37TVM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1SM FAIRCHILD-H11A1SM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25-M FAIRCHILD-4N25-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com