Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74ALS175 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # DM74ALS175
Description  Hex/Quad D-Type Flip-Flops with Clear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS175 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  DM74ALS175 Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS175 Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS175 Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS175 Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS175 Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS175 Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS175 Datasheet HTML 7Page - Fairchild Semiconductor DM74ALS175 Datasheet HTML 8Page - Fairchild Semiconductor DM74ALS175 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©1986 Fairchild Semiconductor Corporation
www.fairchildsemi.com
DM74ALS174, DM74ALS175 Rev. 1.2
5
Electrical Characteristics
Over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Switching Characteristics
Over recommended operating free air temperature range.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VIK
Input Clamp Voltage
VCC = 4.5V, IIN = –18 mA
–1.5
V
VOH
HIGH Level Output Voltage
IOH = –400µA, VCC = 4.5V to 5.5V
VCC – 2
VCC – 1.6
V
VOL
LOW Level Output Voltage
VCC = 4.5V, IOL = 8mA
0.35
0.5
V
II
Input Current at Max. Input
Voltage
VCC = 5.5V, VIN = 7V
0.1
mA
IIH
HIGH Level Input Current
VCC = 5.5V, VIH = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = 5.5V, VIN = 0.4V
–0.1
mA
IO
Output Drive Current
VCC = 5.5V, VO = 2.25V
–30
–112
mA
ICC
Supply Current
VCC = 5.5V,
Clock
= 4.5V,
Clear
= GND,
D Input
= GND
DM74ALS174
11
19
mA
DM74ALS175
8
14
Symbol
Parameter
Conditions
Min.
Max.
Units
fMAX
Maximum Clock Frequency
RL = 500Ω,
CL = 50pF,
VCC = 4.5V to 5.5V
50
MHz
tPLH
Propagation Delay Time, LOW-to-HIGH Level
Output From Clear (175 Only)
518
ns
tPHL
Propagation Delay Time, HIGH-to-LOW Level
Output From Clear
823
ns
tPLH
Propagation Delay Time, LOW-to-HIGH Level
Output From Clock
315
ns
tPHL
Propagation Delay Time, HIGH-to-LOW Level
Output From Clock
517
ns


Similar Part No. - DM74ALS175

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS175M FAIRCHILD-DM74ALS175M Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
DM74ALS175MX FAIRCHILD-DM74ALS175MX Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
DM74ALS175N FAIRCHILD-DM74ALS175N Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
DM74ALS175NX FAIRCHILD-DM74ALS175NX Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
DM74ALS175SJ FAIRCHILD-DM74ALS175SJ Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
More results

Similar Description - DM74ALS175

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS174 FAIRCHILD-DM74LS174 Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
DM74ALS174 FAIRCHILD-DM74ALS174 Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
logo
National Semiconductor ...
54LS174 NSC-54LS174 Datasheet
174Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
Fairchild Semiconductor
DM74175 FAIRCHILD-DM74175 Datasheet
308Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
National Semiconductor ...
54174 NSC-54174 Datasheet
150Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
Texas Instruments
SN54LV174A TI-SN54LV174A Datasheet
146Kb / 7P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74HC174 HITACHI-HD74HC174 Datasheet
51Kb / 9P
   Hex D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54AHC174 TI-SN54AHC174_07 Datasheet
584Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHCT174 TI1-SN54AHCT174_15 Datasheet
775Kb / 17P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC174 FAIRCHILD-MM74HC174 Datasheet
72Kb / 7P
   Hex D-Type Flip-Flops with Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com