Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCKEL14 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCKEL14
Description  2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCKEL14 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCKEL14 Datasheet HTML 1Page - NXP Semiconductors PCKEL14 Datasheet HTML 2Page - NXP Semiconductors PCKEL14 Datasheet HTML 3Page - NXP Semiconductors PCKEL14 Datasheet HTML 4Page - NXP Semiconductors PCKEL14 Datasheet HTML 5Page - NXP Semiconductors PCKEL14 Datasheet HTML 6Page - NXP Semiconductors PCKEL14 Datasheet HTML 7Page - NXP Semiconductors PCKEL14 Datasheet HTML 8Page - NXP Semiconductors PCKEL14 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Philips Semiconductors
PCKEL14
2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
Product data
Rev. 01 — 14 October 2002
2 of 15
9397 750 09564
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
3.
Pinning information
3.1 Pinning
3.2 Pin description
3.2.1
Power supply connection
Fig 1.
SO20 pin configuration.
Fig 2.
TSSOP pin configuration.
002aaa217
1
2
3
4
5
6
7
8
9
10
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
20
19
18
17
16
15
14
13
12
11
VCC
EN
VCC
NC
SCLK
CLK
CLK
VBB
SEL
VEE
002aaa353
1
2
3
4
5
6
7
8
9
10
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
VCC
EN
VCC
NC
SCLK
CLK
CLK
VBB
SEL
VEE
20
19
18
17
16
15
14
13
12
11
Table 1:
Pin description
Symbol
Pin
Description
Q0-Q4
1, 3, 5, 7, 9
ECL differential clock outputs, non-inverted
Q0-Q4
2, 4, 6, 8, 10
ECL differential clock outputs, inverted
VEE
11
negative supply voltage
SEL
12
ECL clock select input
VBB
13
reference voltage output
CLK
14
ECL differential clock input, inverted
CLK
15
ECL differential clock input, non-inverted
SCLK
16
ECL scan clock input
NC
17
no connect
EN
19
ECL synchronous enable, Active-LOW
VCC
18, 20
positive supply voltage
CAUTION
All VCC and VEE pins must be connected to an appropriate power
supply to guarantee proper operation.
MSC895


Similar Part No. - PCKEL14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCKEP14 PHILIPS-PCKEP14 Datasheet
351Kb / 15P
   2.5 V/3.3 V 1:5 differential ECL/PECL/HSTL clock driver
Rev. 01-30 October 2002
PCKEP14D PHILIPS-PCKEP14D Datasheet
351Kb / 15P
   2.5 V/3.3 V 1:5 differential ECL/PECL/HSTL clock driver
Rev. 01-30 October 2002
PCKEP14PW PHILIPS-PCKEP14PW Datasheet
351Kb / 15P
   2.5 V/3.3 V 1:5 differential ECL/PECL/HSTL clock driver
Rev. 01-30 October 2002
More results

Similar Description - PCKEL14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL14 ONSEMI-MC100LVEL14_16 Datasheet
158Kb / 7P
   3.3 V ECL 1:5 Clock Distribution Chip
July, 2016 ??Rev. 10
logo
NXP Semiconductors
PCKEP14 PHILIPS-PCKEP14 Datasheet
351Kb / 15P
   2.5 V/3.3 V 1:5 differential ECL/PECL/HSTL clock driver
Rev. 01-30 October 2002
logo
Freescale Semiconductor...
MC100ES6014 FREESCALE-MC100ES6014 Datasheet
261Kb / 8P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
logo
Renesas Technology Corp
MC100ES6014 RENESAS-MC100ES6014 Datasheet
646Kb / 9P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
2019
logo
ON Semiconductor
MC10EL15 ONSEMI-MC10EL15_16 Datasheet
163Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
NB100LVEP222 ONSEMI-NB100LVEP222 Datasheet
117Kb / 10P
   2.5 V/3.3 V 1:15 Differential ECL/PECL 첨1/첨2 Clock Driver
October, 2005??Rev. 9
logo
Texas Instruments
SN65LVEP11_101 TI-SN65LVEP11_101 Datasheet
454Kb / 13P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11 Datasheet
273Kb / 10P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11_10 Datasheet
405Kb / 12P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
logo
Freescale Semiconductor...
MC100ES6056 FREESCALE-MC100ES6056 Datasheet
254Kb / 8P
   2.5 V/3.3 V ECL/PECL/LVDS Dual Differential 2:1 Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com