Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXLA8591LR Datasheet(PDF) 1 Page - Intel Corporation

Part # PXLA8591LR
Description  Industry-leading 10 Gigabit Single-mode Fiber Server Connection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXLA8591LR Datasheet(HTML) 1 Page - Intel Corporation

  PXLA8591LR Datasheet HTML 1Page - Intel Corporation PXLA8591LR Datasheet HTML 2Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Brief
Intel® PRO/10GbE LR
Server Adapter
Industry-leading 10 Gigabit Single-mode Fiber Server Connection
Features
Benefits
Intel® 82597EX 10GbE PCI-X 133 MHz/64-bit MAC controller
High performance on widely adopted 2nd-generation PCI host-
bus interface
Single-mode fiber support through 1310 nm optical module
Extends cable length up to 10 km; noise resistant for
signal integrity
IEEE 802.3ae* 10GBase-LR compliant
Supports industry-wide 10 Gigabit Ethernet standard
Jumbo Frames supported up to 16 KB
Increase performance through reduced overhead
TCP/IP segmentation and TCP checksum offload in RX and TX
Provides efficiency for host processing
256 KB RX and 32 KB TX data FIFO
Enhanced TX and RX logic with minimum buffer requirements
Parity protection for RX FIFO buffer
Data integrity
Mechanisms for delaying/reducing TX and RX frame interrupts
Reduces CPU utilization
PCI-X 1.0a and PCI 2.3
Compatible with compliant host bus interface
SC-Duplex connector for single-mode optical fiber
Ease of use with currently available 10GbE equipment
Flow Control 802.3x*
Supports industry-wide networking standard
PCI 2.2 Message Signaled Interrupts
Improves system interrupt handling
I
Extends Ethernet distances up to 10 km
I
Highly integrated PCI-X second-
generation silicon for high performance
I
Smaller form factor with XPAK Optical
Transceiver fits in a standard server PCI
or PCI-X slot
The Intelligent Way to Connect
The Intel® PRO/10GbE LR Server Adapter—
the industry’s second-generation 10 Gigabit
Ethernet adapter—enables more productive
networks with the fastest Ethernet connectivity
available. The Intel PRO/10GbE LR Server
Adapter delivers industry-leading performance
to bandwidth-intensive applications using a
highly integrated PCI-X Intel® 82597EX 133 MHz/
64-bit 10GbE controller. High-speed server
connectivity—once reserved for costly pro-
prietary technologies such as high-performance
computing clusters and grid-based computing—
can now be achieved with the industry-standard
Intel PRO/10GbE LR Server Adapter.
The IEEE 802.3ae* 10 Gigabit Ethernet
standard extends single-mode fiber distances
to 10 km at 10 Gbps line speeds. Using
the Intel PRO/10GbE LR Server Adapter,
enterprises can cost-effectively expand
campus-wide connectivity and take control
of their corporate networks with privately
owned fiber that eliminates costly leased lines.
And the Intel PRO/10GbE LR Server Adapter
makes it possible for global companies to
decrease critical data center back-up time
to provide maximum network availability.
The Intel PRO/10GbE LR Server Adapter
helps improve network productivity, extend
reach, and eliminate costly proprietary
networking technologies, while enabling
deployment of standards-compliant
Ethernet connectivity based on IEEE
802.3ae 10 Gigabit Ethernet standard.


Similar Part No. - PXLA8591LR

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PXLA8591SR INTEL-PXLA8591SR Datasheet
550Kb / 2P
   Industry-leading 10 Gigabit Multi-mode Fiber Server Connection
More results

Similar Description - PXLA8591LR

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PXLA8591SR INTEL-PXLA8591SR Datasheet
550Kb / 2P
   Industry-leading 10 Gigabit Multi-mode Fiber Server Connection
logo
Silicom Ltd.
PE210G1SPI9 SILICOM-PE210G1SPI9 Datasheet
435Kb / 7P
   Single Port Fiber 10 Gigabit Ethernet PCI Express Server Adapter
M1E210G6SPI9-10 SILICOM-M1E210G6SPI9-10 Datasheet
338Kb / 6P
   Port Fiber SFP 10 Gigabit Ethernet ExpressModule Server Adapter
PE310G4BPI9 SILICOM-PE310G4BPI9 Datasheet
818Kb / 10P
   Quad Port Fiber 10 Gigabit Ethernet Bypass Server Adapter
M1E210G2SPI9-10 SILICOM-M1E210G2SPI9-10 Datasheet
410Kb / 6P
   Dual Port Fiber 10 Gigabit Ethernet ExpressModule Server Adapter
PE310G2SPB32 SILICOM-PE310G2SPB32 Datasheet
556Kb / 5P
   Dual port Fiber 10 Gigabit Ethernet PCI Express Server Adapter
M1E210G2BPI9 SILICOM-M1E210G2BPI9 Datasheet
482Kb / 9P
   Dual Port Fiber 10 Gigabit Ethernet ExpressModule Bypass Server Adapter
PE310G4SPI9 SILICOM-PE310G4SPI9 Datasheet
374Kb / 6P
   Quad Port Fiber 10 Gigabit Ethernet PCI Express Server Adapter
PE310G4SPI9LA SILICOM-PE310G4SPI9LA Datasheet
505Kb / 8P
   Quad Port Fiber 10 Gigabit Ethernet PCI Express Server Adapter
PE210G4SPI9 SILICOM-PE210G4SPI9 Datasheet
436Kb / 7P
   Quad Port Fiber 10 Gigabit Ethernet PCI Express Server Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com