Electronic Components Datasheet Search |
|
KA78L06AZTA Datasheet(PDF) 7 Page - Fairchild Semiconductor |
|
KA78L06AZTA Datasheet(HTML) 7 Page - Fairchild Semiconductor |
7 / 17 page KA78LXXA/KA78L05AA 7 Electrical Characteristics(KA78L12A) (Continued) (VI = 19V, IO = 40mA, 0°C ≤ TJ ≤ 125°C, CI = 0.33 μF, CO = 0.1μF, unless otherwise specified. (Note 1) Note: 1. The maximum steady state usable output current and input voltage are very dependent on the heat sinking and/or lead length of the package. The data above represent pulse test conditions with junction temperature as indicated at the initiation of tests. 2. Power dissipation PD ≤ 0.75W. Parameter Symbol Conditions Min. Typ. Max. Unit Output Voltage VO TJ = 25°C 11.5 12 12.5 V Line Regulation (Note1) ΔVO TJ = 25°C 14.5V ≤ VI ≤ 27V - 20 250 mV 16V ≤ VI ≤ 27V - 15 200 mV Load Regulation (Note1) ΔVO TJ = 25°C1mA ≤ IO ≤ 100mA - 20 100 mV 1mA ≤ IO ≤ 40mA - 10 50 mV Output Voltage VO 14.5V ≤ VI ≤ 27V 1mA ≤ IO ≤ 40mA 11.4 - 12.6 V 14.5V ≤ VI ≤ VMAX (Note 2) 1mA ≤ IO ≤ 70mA 11.4 - 12.6 V Quiescent Current IQ TJ = 25°C- 2.1 6.0 mA Quiescent Current Change With Line ΔIQ 16V ≤ VI ≤ 27V - - 1.5 mA With Load ΔIQ 1mA ≤ IO ≤ 40mA - - 0.1 mA Output Noise Voltage VN TA = 25°C, 10Hz ≤ f ≤ 100kHz - 80 - μV/Vo Temperature Coefficient of VO ΔVO/ΔTIO = 5mA - -1.0 - mV/ °C Ripple Rejection RR f = 120Hz, 15V ≤ VI ≤ 25V, TJ = 25°C37 65 - dB Dropout Voltage VD TJ = 25°C- 1.7 - V |
Similar Part No. - KA78L06AZTA |
|
Similar Description - KA78L06AZTA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |