Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWLA8391GT Datasheet(PDF) 2 Page - Intel Corporation

Part # PWLA8391GT
Description  Lead-Free Gigabit Performance to the Desktop
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PWLA8391GT Datasheet(HTML) 2 Page - Intel Corporation

  PWLA8391GT Datasheet HTML 1Page - Intel Corporation PWLA8391GT Datasheet HTML 2Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Order Codes
s
PWLA8391GT (Single Packs)
s
PWLA8391GTBLK (20 Packs)
s
PWLA8391GTLBLK (Low-Profile 20 Packs)
Companion Products
Consider these Intel products in your
server and network planning:
s
Intel® PRO/1000 MT Server Adapter
s
Intel® PRO/1000 MF Server Adapter
s
Intel® PRO/1000 MF Server Adapter (LX)
s
Intel® PRO/1000 MF Dual Port Server Adapter
s
Intel® PRO/1000 MT Dual Port Server Adapter
s
Intel® PRO/1000 MT Quad Port Server Adapter
s
Intel® Desktop Boards
s
Intel® Pentium® 4 Processor with Hyper-
Threading Technology
Network-Ready PCs
Top PC and server manufacturers offer Intel adapters in their
new products. Specify or ask for Intel® PRO Network Connections
with your next PC, server, or mobile PC purchase. For a list
of preferred suppliers, visit us at www.intel.com/buy/wtb/
wtb1019.htm.
Customer Support
Intel® Customer Support Services offers a broad selection of
programs including phone support and warranty service. For
more information, contact us at support.intel.com/support/
network. Service and availability may vary by country.
Product Information
To speak to a customer service representative regarding Intel
products, please call 1-800-538-3373 (U.S. and Canada) or
visit www.intel.com/support/9089.htm for the telephone
number in your area. For additional product information on
the Intel® Networking and Communication products, visit
www.intel.com/network/connectivity.
Online Documents
For the latest product information, visit us at www.intel.com/
network/connectivity.
Product Brief
Intel
® PRO/1000 GT Desktop Adapter
General
Product Codes
PWLA8391GT, PWLA8391GTBLK,
PWLA8391GTLBLK
Connectors
RJ-45
IEEE Standard/Network Topology
10BASE-T, 100BASE-TX, 1000BASE-T
Wiring
Cat-5, 4-pair
Adapter Product Features
Intel® Lead-free Technology
s
Intel® SingleDriverTM Technology
s
Plug and Play Specification Support
Standard
Easy Installation, Intel® PROSet Utility
s
Auto-negotiation, Full-duplex Capable
s
PCI 2.3
s
Bus Speed
32-bit 33/66 MHz
Network Management
WfM Baseline v2.0
s
DMI 2.0 Support, Windows
s
Management Instrumentation
(WMI) & SNMP-manageable
Offline Diagnostics
s
Intel® Boot Agent
s
ACPI Power Management
s
Wake on LAN
s
NOS Software Support
Microsoft Windows* 2000, XP
s
Microsoft Windows NT* 4.0
s
Microsoft Windows 98 SE, Me
s
Disk Operating System (DOS) and
s
Disk Operating System Optical
Digital Image (DOSODI)
Linux* 2.2.5 or Later
s
Novell Netware* 4.2, 5.1, 6.0
s
Advanced Software Features
IEEE 802.1Q Virtual Local Area
s
Network (VLANs)
IEEE 802.3x Flow Control
s
Transmission Control Protocol (TCP)
s
Checksum Offload
IEEE 802.1p, Intel® Priority Packet II
s
Technical Features
Data Rate(s) Supported Per Port
10 /100 /1000 Mbps
Integrated Memory
64 KB
Interrupt Levels
INTA
IEEE Support
802.2 and 802.3ab
Data Path Width
32-bit PCI
Hardware Certifications
FCC B, CE, BSMI B, VCCI B
Data Transfer Mode
Bus-master DMA
Controller—Processor
Intel® 82541PI
Typical Power Consumption
800 mA @+5 VDC
Operating Temperature
0–55°C
Operating Humidity
85% at +55°C
Intel Backing
Limited Lifetime Warranty
s
90-day Money-back Guarantee
s
(U.S. and Canada)
Information in this document is provided in connection with Intel
® products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by
this document. Except as provided in Intel’s Terms and Conditions of Sale for such products, Intel assumes no liability whatsoever, and Intel disclaims any express or implied
warranty, relating to sale and/or use of Intel products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent,
copyright or other intellectual property right. Intel products are not intended for use in medical, life-saving, or life-sustaining applications. Intel may make changes to specifications
and product descriptions at any time, without notice. For the most current product information, please visit www.intel.com/network/connectivity.
*Other names and brands may be claimed as the property of others.
Copyright © 2004 Intel Corporation. All rights reserved.
Intel, the Intel logo, SingleDriver, and Pentium are trademarks or registered trademarks of Intel Corporation or its subsidiaries in the United States and other countries.
Printed in USA
0804/PAL/OCG/XX/PDF
Please Recycle
303331-001US
Specifications: Intel
® PRO/1000 GT
Desktop Adapter


Similar Part No. - PWLA8391GT

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PWLA8490MT INTEL-PWLA8490MT Datasheet
418Kb / 2P
   Intel짰 PRO/1000 MT Server Adapter
PWLA8490MTBLK5 INTEL-PWLA8490MTBLK5 Datasheet
418Kb / 2P
   Intel짰 PRO/1000 MT Server Adapter
PWLA8492MF INTEL-PWLA8492MF Datasheet
411Kb / 2P
   Intel짰 PRO/1000 MF Dual Port Server Adapter Two Gigabit Fiber Server Connections in a Single PCI Slot
PWLA8492MFBLK5 INTEL-PWLA8492MFBLK5 Datasheet
411Kb / 2P
   Intel짰 PRO/1000 MF Dual Port Server Adapter Two Gigabit Fiber Server Connections in a Single PCI Slot
PWLA8492MT INTEL-PWLA8492MT Datasheet
422Kb / 2P
   Intel짰 PRO/1000 MT Dual Port Server Adapter Two Gigabit Copper Server Connections in a Single PCI Slot
More results

Similar Description - PWLA8391GT

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
BPC-8076 PROTECHSYSTEMS-BPC-8076 Datasheet
528Kb / 2P
   High Performance Desktop
logo
Intel Corporation
EXPI9301CTBLK INTEL-EXPI9301CTBLK Datasheet
119Kb / 4P
   Intel짰 Gigabit CT Desktop Adapter
logo
Molex Electronics Ltd.
0475968813 MOLEX6-0475968813 Datasheet
92Kb / 2P
   LGA 1156 Back-plate Assembly for Desktop PC, without Screws, Lead-free, Halogen-free
logo
List of Unclassifed Man...
TL-SG1005D ETC2-TL-SG1005D Datasheet
1Mb / 3P
   5/8-Port Gigabit Desktop Switch
logo
Molex Electronics Ltd.
0475976002 MOLEX6-0475976002 Datasheet
88Kb / 2P
   LGA 1156 Pan Screw for Desktop PC, 6.35mm (.250") Thread, Lead-free
0475969913 MOLEX6-0475969913 Datasheet
92Kb / 2P
   LGA 1156 Back-plate Assembly for Desktop PC, without Screws, Lead-free
0475976001 MOLEX6-0475976001 Datasheet
97Kb / 2P
   LGA 1156 Shoulder Screw for Desktop PC, 6.00mm (.236") Thread, Lead-free
logo
List of Unclassifed Man...
H5AN4G4NBJR ETC2-H5AN4G4NBJR Datasheet
716Kb / 48P
   Lead-Free&Halogen-Free
Rev. 1.7 Mar. 2018
H5AN8G4NCJR ETC2-H5AN8G4NCJR Datasheet
844Kb / 47P
   Lead-Free&Halogen-Free
Rev. 1.5 Mar.2019
logo
International Rectifier
IRF9Z24NPBF IRF-IRF9Z24NPBF_15 Datasheet
511Kb / 9P
   Lead-Free
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com