Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F562KWQN-G-JNERE1 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB95F562KWQN-G-JNERE1
Description  8-bit Microcontrollers
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95F562KWQN-G-JNERE1 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB95F562KWQN-G-JNERE1 Datasheet HTML 1Page - Fujitsu Component Limited. MB95F562KWQN-G-JNERE1 Datasheet HTML 2Page - Fujitsu Component Limited. MB95F562KWQN-G-JNERE1 Datasheet HTML 3Page - Fujitsu Component Limited. MB95F562KWQN-G-JNERE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB95F562KWQN-G-JNERE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB95F562KWQN-G-JNERE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB95F562KWQN-G-JNERE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB95F562KWQN-G-JNERE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB95F562KWQN-G-JNERE1 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
MB95560H/570H/580H Series
DS702-00003-1v0-E
5
• MB95570H Series
Part number
Parameter
MB95F572H
MB95F573H
MB95F574H
MB95F572K
MB95F573K
MB95F574K
Type
Flash memory product
Clock
supervisor
counter
It supervises the main clock oscillation.
Flash memory
capacity
8 Kbyte
12 Kbyte
20 Kbyte
8 Kbyte
12 Kbyte
20 Kbyte
RAM capacity
240 bytes
496 bytes
496 bytes
240 bytes
496 bytes
496 bytes
Low-voltage
detection reset
No
Yes
Reset input
Dedicated
Selected through software
CPU functions
• Number of basic instructions
: 136
• Instruction bit length
: 8 bits
• Instruction length
: 1 to 3 bytes
• Data bit length
: 1, 8 and 16 bits
• Minimum instruction execution time : 61.5 ns (machine clock frequency = 16.25 MHz)
• Interrupt processing time
: 0.6 µs (machine clock frequency = 16.25 MHz)
General-
purpose I/O
• I/O ports (Max) : 4
• CMOS I/O
: 3
• N-ch open drain: 1
• I/O ports (Max) : 5
•CMOS I/O
: 3
• N-ch open drain: 2
Time-base timer Interval time: 0.256 ms to 8.3 s (external clock frequency = 4 MHz)
Hardware/
software
watchdog timer
• Reset generation cycle
-
Main oscillation clock at 10 MHz: 105 ms (Min)
• The sub-CR clock can be used as the source clock of the hardware watchdog timer.
Wild register
It can be used to replace 3 bytes of data.
LIN-UART
No LIN-UART
8/10-bit A/D
converter
2 channels
8-bit or 10-bit resolution can be selected.
8/16-bit
composite timer
1 channel
• The timer can be configured as an "8-bit timer
× 2 channels" or a "16-bit timer × 1 channel".
• It has built-in timer function, PWC function, PWM function and input capture function.
• Count clock: it can be selected from internal clocks (seven types) and external clocks.
• It can output square wave.
External
interrupt
2 channels
• Interrupt by edge detection (The rising edge, falling edge, or both edges can be selected.)
• It can be used to wake up the device from standby modes.
On-chip debug
• 1-wire serial control
• It supports serial writing (asynchronous mode).
Watch prescaler Eight different time intervals can be selected.
Flash memory
• It supports automatic programming (Embedded Algorithm) and write/erase/erase-suspend/
erase-resume commands.
• It has a flag indicating the completion of the operation of Embedded Algorithm.
• Flash security feature for protecting the content of the Flash memory
Standby mode
Sleep mode, stop mode, watch mode, time-base timer mode
Package
FPT-8P-M08
Number of program/erase cycles
1000
10000
100000
Data retention time
20 years
10 years
5 years


Similar Part No. - MB95F562KWQN-G-JNERE1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB95F562KWQN-G-SNE1 CYPRESS-MB95F562KWQN-G-SNE1 Datasheet
6Mb / 89P
   New 8FX 8-bit Microcontrollers
MB95F562KWQN-G-SNERE1 CYPRESS-MB95F562KWQN-G-SNERE1 Datasheet
6Mb / 89P
   New 8FX 8-bit Microcontrollers
More results

Similar Description - MB95F562KWQN-G-JNERE1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
   8-bit Microcontrollers
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
   8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com