Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C320C102C15TA Datasheet(PDF) 8 Page - Kemet Corporation

Part # C320C102C15TA
Description  MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C320C102C15TA Datasheet(HTML) 8 Page - Kemet Corporation

Back Button C320C102C15TA Datasheet HTML 4Page - Kemet Corporation C320C102C15TA Datasheet HTML 5Page - Kemet Corporation C320C102C15TA Datasheet HTML 6Page - Kemet Corporation C320C102C15TA Datasheet HTML 7Page - Kemet Corporation C320C102C15TA Datasheet HTML 8Page - Kemet Corporation C320C102C15TA Datasheet HTML 9Page - Kemet Corporation C320C102C15TA Datasheet HTML 10Page - Kemet Corporation C320C102C15TA Datasheet HTML 11Page - Kemet Corporation C320C102C15TA Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
15
DIMENSIONS
INCHES (MILLIMETERS)
For packaging information, see pages 47 and 48.
ORDERING INFORMATION
Drawings are not to scale. See table below for dimensions. See page 16 for optional lead configurations.
(1) Lead configuration depends on capacitance value. (2) H dimensions does not include meniscus.
STANDARD LEAD CONFIGURATION
OUTLINE DRAWINGS
CERAMIC CONFORMALLY COATED/RADIAL
“STANDARD & HIGH VOLTAGE GOLD MAX”
Case
Size
L
Max.
H.
Max.
Standard
T Max.
High Voltage
T Max.
S(1)
±.030 (.78)
LD
+.004(.10)
-.001(.025)
LL
Min.
C315
0.150 (3.81)
0.210 (5.33)
0.100 (2.54)
0.150 (3.81)
0.100 (2.54)
0.020 (.51)
0.276 (7.00)
C317
0.150 (3.81)
0.230 (5.84)
0.100 (2.54)
0.150 (3.81)
0.200 (5.08)
0.020 (.51)
0.276 (7.00)
C320
0.200 (5.08)
0.260 (6.60)
0.125 (3.18)(2)
0.200 (5.08)
0.100 (2.54)
0.020 (.51)
0.276 (7.00)
C322
0.200 (5.08)
0.260 (6.60)
0.125 (3.18)
0.200 (5.08)
0.200 (5.08)
0.020 (.51)
0.276 (7.00)
C323
0.200 (5.08)
0.320 (8.13)
0.125 (3.18)
0.200 (5.08)
0.200 (5.08)
0.020 (.51)
0.276 (7.00)
C330
0.300 (7.62)
0.360 (9.14)
0.150 (3.81)
0.250 (6.35)
0.200 (5.08)
0.020 (.51)
0.276 (7.00)
C333
0.300 (7.62)
0.390 (9.91)
0.150 (3.81)
0.250 (6.35)
0.200 (5.08)
0.020 (.51)
0.276 (7.00)
C340
0.400 (10.16)
0.460 (11.68)
0.150 (3.81)
0.270 (6.86)
0.200 (5.08)
0.020 (.51)
0.276 (7.00)
C350
0.500 (12.70)
0.560 (14.22)
0.200 (5.08)
0.270 (6.86)
0.400 (10.16)
0.025 (.64)
0.276 (7.00)
Note: 1 inch = 25.4mm.
Note (1): Measured at seating plane.
Note (2): Thickness = 0.16" (4.064mm) for C320 from 4.7 - 10.0 F.
(1)
(1)
C 320 C 102 M 1 R 5 T A
CERAMIC
CASE SIZE
See TableAbove
SPECIFICATION
C – Standard
CAPACITANCE PICOFARAD CODE
Expressed in picofarads (pF). First two
digits represent significant figures. Third
digit specifies number of zeros. Use 9 for
1.0 thru 9.9 pF. Example 2.2pF = 229
CAPACITANCE TOLERANCE
C0G: C – ±0.25pF; D – ±0.5pF; F – ±1%;
G – ±2%; J – ±5%,
X7R: K – ±10%; M – ±20%; P – 0, -100%;
Z – -20,+80%
Z5U: M – ±20%; P – 0, -100%; Z – -20,+80%
RATED VOLTAGE (DC)
3 – 25
D – 1000
5 – 50
F – 1500
1 – 100
G – 2000
2 – 200
Z – 2500
A– 250
H – 3000
C – 500
FAILURE RATE
A– NotApplicable
LEAD MATERIAL
T – 100% Tin (Sn)
H – 60/40% Tin/Lead (SnPb)
INTERNAL CONSTRUCTION
5 – Multilayer
DIELECTRIC
EIADesignation
G – C0G (NP0) - Ultra Stable
R – X7R - Stable
U – Z5U - General Purpose


Similar Part No. - C320C102C15TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C320C102D1G5CA KEMET-C320C102D1G5CA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C320C102D1G5HA KEMET-C320C102D1G5HA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C320C102D1G5TA KEMET-C320C102D1G5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C320C102D1G5TA KEMET-C320C102D1G5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C320C102D1R5CA KEMET-C320C102D1R5CA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results

Similar Description - C320C102C15TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C622C102MDR5TA KEMET-C622C102MDR5TA Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052G102J1G5CR KEMET-C052G102J1G5CR_10 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com