Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21371KSWZ-2B2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADSP-21371KSWZ-2B2
Description  SHARC Processor optimized for high performance audio processing
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21371KSWZ-2B2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADSP-21371KSWZ-2B2 Datasheet HTML 2Page - Analog Devices ADSP-21371KSWZ-2B2 Datasheet HTML 3Page - Analog Devices ADSP-21371KSWZ-2B2 Datasheet HTML 4Page - Analog Devices ADSP-21371KSWZ-2B2 Datasheet HTML 5Page - Analog Devices ADSP-21371KSWZ-2B2 Datasheet HTML 6Page - Analog Devices ADSP-21371KSWZ-2B2 Datasheet HTML 7Page - Analog Devices ADSP-21371KSWZ-2B2 Datasheet HTML 8Page - Analog Devices ADSP-21371KSWZ-2B2 Datasheet HTML 9Page - Analog Devices ADSP-21371KSWZ-2B2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
Rev. C
|
Page 6 of 52
|
September 2009
ADSP-21371/ADSP-21375
external code, executing exclusively from internal ROM. Addi-
tionally, the processor is not freely accessible via the JTAG port.
Instead, a unique 64-bit key, which must be scanned in through
the JTAG or Test Access Port will be assigned to each customer.
The device will ignore a wrong key. Emulation features and
external boot modes are only available after the correct key is
scanned.
FAMILY PERIPHERAL ARCHITECTURE
The ADSP-21371/ADSP-21375 family contains a rich set of
peripherals that support a wide variety of applications, includ-
ing high quality audio, medical imaging, communications,
military, test equipment, 3D graphics, speech recognition, mon-
itor control, imaging, and other applications.
External Port
The external port on the ADSP-21371/ADSP-21375 SHARC
processors provide a high performance, glueless interface to a
wide variety of industry-standard memory devices. The 32-bit
wide bus (ADSP-21371) may be used to interface to synchro-
nous and/or asynchronous memory devices through the use of
its separate internal memory controllers: the first is an SDRAM
controller for connection of industry-standard synchronous
DRAM devices and DIMMs (dual inline memory module),
while the second is an asynchronous memory controller
intended to interface to a variety of memory devices. Four
memory select pins enable up to four separate devices to coexist,
supporting any desired combination of synchronous and asyn-
chronous device types.
Table 3. ADSP-21371 Internal Memory Space
IOP Registers 0x0000 0000–0x0003 FFFF
Long Word (64 bits)
Extended Precision Normal or
Instruction Word (48 bits)
Normal Word (32 bits)
Short Word (16 bits)
BLOCK 0 ROM
0x0004 0000–0x0004 7FFF
BLOCK 0 ROM
0x0008 0000–0x0008 AAA9
BLOCK 0 ROM
0x0008 0000–0x0008 FFFF
BLOCK 0 ROM
0x0010 0000–0x0011 FFFF
Reserved
0x0004 8000–0x0004 BFFF
Reserved
0x0008 AAAA–0x0008 FFFF
Reserved
0x0009 0000–0x0009 7FFF
Reserved
0x0012 0000–0x0012 FFFF
BLOCK 0 RAM
0x0004 C000–0x0004 CFFF
BLOCK 0 RAM
0x0009 0000–0x0009 1554
BLOCK 0 RAM
0x0009 8000–0x0009 9FFF
BLOCK 0 RAM
0x0013 0000–0x0013 3FFF
Reserved
0x0004 D000–0x0004 FFFF
Reserved
0x0009 1555–0x0009 FFFF
Reserved
0x0009 A000–0x0009 FFFF
Reserved
0x0013 4000–0x0013 FFFF
BLOCK 1 ROM
0x0005 0000–0x0005 7FFF
BLOCK 1 ROM
0x000A 0000–0x000A AAA9
BLOCK 1 ROM
0x000A 0000–0x000A FFFF
BLOCK 1 ROM
0x0014 0000–0x0015 FFFF
Reserved
0x0005 8000–0x0005 BFFF
Reserved
0x000A AAAA–0x000A FFFF
Reserved
0x000B 0000–0x000B 7FFF
Reserved
0x0016 0000–0x0016 FFFF
BLOCK 1 RAM
0x0005 C000–0x0005 CFFF
BLOCK 1 RAM
0x000B 0000–0x000B 1554
BLOCK 1 RAM
0x000B 8000–0x000B 9FFF
BLOCK 1 RAM
0x0017 0000–0x0017 3FFF
Reserved
0x0005 D000–0x0005 FFFF
Reserved
0x000B 1555–0x000B FFFF
Reserved
0x000B A000–0x000B FFFF
Reserved
0x0017 4000–0x0017 FFFF
BLOCK 2 RAM
0x0006 0000–0x0006 0FFF
BLOCK 2 RAM
0x000C 0000–0x000C 1554
BLOCK 2 RAM
0x000C 0000–0x000C 1FFF
BLOCK 2 RAM
0x0018 0000–0x0018 3FFF
Reserved
0x0006 1000–0x0006 FFFF
Reserved
0x000C 1555–0x000D FFFF
Reserved
0x000C 2000–0x000D FFFF
Reserved
0x0018 4000–0x001B FFFF
BLOCK 3 RAM
0x0007 0000–0x0007 0FFF
BLOCK 3 RAM
0x000E 0000–0x000E 1554
BLOCK 3 RAM
0x000E 0000–0x000E 1FFF
BLOCK 3 RAM
0x001C 0000–0x001C 3FFF
Reserved
0x0007 1000–0x0007 FFFF
Reserved
0x000E 1555–0x000F FFFF
Reserved
0x000E 2000–0x000F FFFF
Reserved
0x001C 4000–0x001F FFFF


Similar Part No. - ADSP-21371KSWZ-2B2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21371KSZ-ENG AD-ADSP-21371KSZ-ENG Datasheet
2Mb / 48P
   SHARC Processor
Rev. PrA
More results

Similar Description - ADSP-21371KSWZ-2B2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSST-SHARC-MEL-100 AD-ADSST-SHARC-MEL-100_15 Datasheet
467Kb / 28P
   SHARC Mel-100 Audio Processor
REV. 0
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
   SHARC Processor
REV. B
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
   SHARC Processor
REV. C
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
logo
ON Semiconductor
BELASIGNA250 ONSEMI-BELASIGNA250 Datasheet
501Kb / 30P
   High-Performance Programmable Audio Processing System
January, 2015 ??Rev. 10
logo
Analog Devices
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21060KS-160 AD-ADSP-21060KS-160 Datasheet
817Kb / 64P
   SHARC Processor
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com