Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF523C Datasheet(PDF) 4 Page - Analog Devices

Part # ADSP-BF523C
Description  Blackfin Embedded Processor 289-ball MBGA package
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF523C Datasheet(HTML) 4 Page - Analog Devices

  ADSP-BF523C Datasheet HTML 1Page - Analog Devices ADSP-BF523C Datasheet HTML 2Page - Analog Devices ADSP-BF523C Datasheet HTML 3Page - Analog Devices ADSP-BF523C Datasheet HTML 4Page - Analog Devices ADSP-BF523C Datasheet HTML 5Page - Analog Devices ADSP-BF523C Datasheet HTML 6Page - Analog Devices ADSP-BF523C Datasheet HTML 7Page - Analog Devices ADSP-BF523C Datasheet HTML 8Page - Analog Devices ADSP-BF523C Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Rev. PrC
|
Page 4 of 44
|
June 2008
ADSP-BF523C/ADSP-BF525C/ADSP-BF527C
Preliminary Technical Data
The device is controlled by a TWI or SPI serial interface which
provides access to all features including volume controls, mutes
and extensive power management facilities.
The CODEC is designed specifically for portable audio prod-
ucts. Its features, performance and low power consumption
make it ideal for portable MP3 players and portable mini-disc
players.
The CODEC includes line and microphone inputs to the on-
board ADC, line and headphone outputs from the on-board
DAC, a crystal oscillator, configurable digital audio interface
and a choice of two or three wire control interface.
The CODEC includes three low noise inputs—a monaural
microphone and left and right stereo lines. Line inputs have +12
dB to –34 dB logarithmic volume level adjustments and mute.
The microphone input has –6 dB to +34 dB volume level adjust-
ment. An electret microphone bias level is also available. All the
required input filtering is contained within the device with no
external components required.
The on-board stereo analog-to-digital converter (ADC) uses a
high-quality multi-bit high-order oversampling architecture to
deliver optimum performance with low power consumption.
The output from the ADC is available on the digital audio inter-
face. The ADC includes an optional digital high pass filter to
remove unwanted dc components from the audio signal.
The on-board digital-to-analog converter (DAC) accepts digital
audio from the digital audio interface. Digital filter de-emphasis
at 32 kHz, 44.1 kHz and 48 kHz can be applied to the digital data
under software control. The DAC uses a high quality multi-bit
high-order oversampling architecture to deliver optimum per-
formance with low power consumption.
The DAC outputs, microphone (SIDETONE) and line inputs
(BYPASS) are available both at line level and through a head-
phone amplifier capable of efficiently driving low impedance
headphones. The headphone output volume is adjustable in the
analog domain over a range of +6 dB to –73 dB and can be
muted.
The design of the CODEC has given much attention to power
consumption without compromising performance. It includes
the ability to power off selective parts of the circuitry under soft-
ware control, thus conserving power. Nine separate power
saving modes can be configured under software control includ-
ing a standby and power-off mode.
Special techniques allow the audio to be muted and the device
safely placed into standby, sections of the device powered off
and volume levels adjusted without any audible clicks, pops or
Figure 1. Audio CODEC Block Diagram
CODEC
AVDD
VMID
AGND
MICBIAS
CSB
CSDA
CSCL CMODE
CONTROL INTERFACE
RLINEIN
MICIN
LLINEIN
OSCPD
OSC
CLKIN
DIVIDER
CLKOUT
DIVIDER
DIGITAL AUDIO INTERFACE
VOLUME
VOLUME
MIC
BOOST
MUTE
MUTE
MUTE
MUTE
MUX
MUX
ADC
ADC
DIGITAL
FILTERS
HPVDD
HPGND
RHPOUT
ROUT
LOUT
LHPOUT
HEADPHONE
DRIVER
HEADPHONE
DRIVER
VOLUME/
MUTE
VOLUME/
MUTE
MUTE
ATTEN/
MUTE
ATTEN/
MUTE
MUTE
DAC
DAC
MUTE
MUTE
XTO


Similar Part No. - ADSP-BF523C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF523C AD-ADSP-BF523C_15 Datasheet
1Mb / 36P
   Blackfin Embedded Processor with Codec
REV. A
More results

Similar Description - ADSP-BF523C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com